Electronic Components Datasheet Search
  English  ▼

X  

7D680K Datasheet(PDF) 7 Page - World Produts Inc.

Part # 7D680K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D680K Datasheet(HTML) 7 Page - World Produts Inc.

Back Button 7D680K Datasheet HTML 3Page - World Produts Inc. 7D680K Datasheet HTML 4Page - World Produts Inc. 7D680K Datasheet HTML 5Page - World Produts Inc. 7D680K Datasheet HTML 6Page - World Produts Inc. 7D680K Datasheet HTML 7Page - World Produts Inc. 7D680K Datasheet HTML 8Page - World Produts Inc. 7D680K Datasheet HTML 9Page - World Produts Inc. 7D680K Datasheet HTML 10Page - World Produts Inc. 7D680K Datasheet HTML 11Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 5
NOTES:
(1) N/A - Denotes “not applicable” .
(2) 32mm (wire lead type - suffix “KW”) is not recognized at this time . The following types are not CUL recognized: 32mm (122K &
152K), 34mm (single disk - 122K), 34mm (dual disk - 122K), 40mm (122K & 152K), 53mm (301K thru 471K) .
(3) IEC 61051-1:2007-04, IEC 61051-2:1991-01, IEC 61051-2-2: 1991-01
*UL 1449 3rd Edition parts are recognized to SPD Application Category Types:
VZ05-VZ10 both “D” & “E” types (ALL), VZ14D (ALL), VZ14E (180-680 values only), and VZ20D (180-680 values only) . – other.
VZ14E (820-112 values only) – Type 3 .
VZ20D (820-112 values only) – Type 2 .
VZ18E, VZ 20E and VZ25D – Type 2 .
VZ32D - VZ53D – Type 1 .
**Metal Oxide Varistors will not be recognized to UL1414 from December 25, 2013 .
Approvals stated above are for “series types” as stated . Modification to the above “series types” denoted by special suffixes may vary
with regards to above stated approvals . Please consult the Part Numbering System portion of the catalog for this information .
Approvals
APPROVAL
& FILE #
DISK SIZE / SERIES
18mm
“E” Series
20mm
“D” Series
20mm
“E” Series
25mm
“D” Series
25mm
“R” Series
32mm
34mm
40mm
53mm
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
UL/CUL 1449
3RD EDITION,
FILE#…E321567*
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
(2)
N/A
(1)
√
(2)
N/A
(1)
√
(2)
N/A
(1)
√
(2)
UL1414**
(VALUES ≥201K)
FILE #E71602
√
√
√
√
√
√
VALUES 301K,
911K, 102K, 112K
NOT
APPROVED
CSA 22 .1 #1
(VALUES ≥201K)
FILE #227006
√
√
√
√
√
√
√
√
VALUES 301K,
621K, 681K, 751K,
781K, 911K, 102K,
112K NOT
APPROVED
VALUE 181K NOT
APPROVED
CSA 22 .2 #1
FILE #241120
√
√
√
√
√
√
√
√
VDE
FILE #40012632
√
√
VDE
FILE #40012630
√
√
VALUES 301K,
621K, 681K, 751K,
781K, 911K, 102K,
112K NOT
APPROVED
VDE
FILE #40028559
ANNEX Q
(3)
N/A
(1)
√
N/A
(1)
√
VDE
FILE #40028554
ANNEX Q
(3)
COMPLIES WITH
UL ACCELER-
ATED AGING
TEST PU: ANSI/
IEEE C62 .11 FILE
#E196885
√
√
√
√
√
√
√
√
VALUES 301K,
621K, 681K, 751K,
781K, 911K, 102K,
112K NOT
APPROVED
VALUE 181K NOT
APPROVED
COMPLIES WITH
UL ACCELER-
ATED AGING
TEST PER: ANSI/
IEEE C62 .11 FILE
#E321567
N/A
(1)
VALUES
820K
- 241K
NOT
AP-
PROVED
N/A
(1)
N/A
(1)
VALUES
820K &
751K
- 112K
ONLY
N/A
(1)
√
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com