Electronic Components Datasheet Search
  English  ▼

X  

7D680K Datasheet(PDF) 13 Page - World Produts Inc.

Part # 7D680K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D680K Datasheet(HTML) 13 Page - World Produts Inc.

Back Button 7D680K Datasheet HTML 9Page - World Produts Inc. 7D680K Datasheet HTML 10Page - World Produts Inc. 7D680K Datasheet HTML 11Page - World Produts Inc. 7D680K Datasheet HTML 12Page - World Produts Inc. 7D680K Datasheet HTML 13Page - World Produts Inc. 7D680K Datasheet HTML 14Page - World Produts Inc. 7D680K Datasheet HTML 15Page - World Produts Inc. 7D680K Datasheet HTML 16Page - World Produts Inc. 7D680K Datasheet HTML 17Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 11
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions (For Standard Epoxy)
Dimensions are in mm (inches)
25R Series
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
25R181KBS
5 .75 ( .23)
2 .55 ( .10)
25R511KBS
7 .20 ( .28)
4 .00 ( .158)
25R201KBS
5 .92 ( .23)
2 .72 ( .11)
25R561KBS
7 .50 ( .30)
4 .30 ( .17)
25R221KBS
6 .08 ( .24)
2 .88 ( .11)
25R621KBS
7 .85 ( .30)
4 .65 ( .20)
25R241KBS
6 .25 ( .25)
3 .05 ( .12)
25R681KBS
8 .20 ( .32)
5 .00 ( .20)
25R271KBS
5 .80 ( .23)
2 .60 ( .10)
25R751KBS
8 .28 ( .32)
5 .08 ( .20)
25R301KBS
5 .98 ( .23)
2 .78 ( .11)
25R781KBS
8 .47 ( .33)
5 .27 ( .20)
25R331KBS
6 .15 ( .24)
2 .95 ( .12)
25R821KBS
8 .70 ( .34)
5 .50 ( .21)
25R361KBS
6 .35 ( .25)
3 .15 ( .12)
25R911KBS
9 .18 ( .36)
5 .98 ( .23)
25R391KBS
6 .50 ( .25)
3 .30 ( .13)
25R102KBS
9 .66 ( .39)
6 .46 ( .25)
25R431KBS
6 .75 ( .27)
3 .55 ( .14)
25R112KBS
10 .20 ( .40)
7 .00 ( .27)
25R471KBS
7 .00 ( .28)
3 .80 ( .15)
25R122KBS
10 .70 ( .42)
7 .50 ( .30)
32D Series
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
32D201KW
5 .6 ( .22)
2 .6 ( .1)
32D621KW
7 .9 ( .31)
*4 .9 ( .19)
32D221KW
5 .7 ( .22)
2 .7 ( .11)
32D681KW
8 .1 ( .32)
*5 .1 ( .2)
32D241KW
5 .8 ( .23)
2 .8 ( .11)
32D751KW
8 .5 ( .33)
*5 .5 ( .216)
32D271KW
5 .9 ( .23)
2 .9 ( .11)
32D781KW
8 .7 ( .34)
*5 .7 ( .22)
32D331KW
6 .3 ( .25)
3 .3 ( .13)
32D821KW
9 .0 ( .35)
*6 .0 ( .236)
32D361KW
6 .5 ( .255)
3 .5 ( .137)
32D911KW
9 .4 ( .37)
*6 .4 ( .25)
32D391KW
6 .6 ( .26)
3 .6 ( .14)
32D951KW
9 .8 ( .39)
*6 .7 ( .26)
32D431KW
6 .8 ( .27)
3 .8 ( .15)
32D102KW
10 .0 ( .39)
*7 .0 ( .275)
32D471KW
6 .9 ( .27)
3 .9 ( .15)
32D112KW
10 .5 ( .41)
*7 .5 ( .295)
32D511KW
7 .3 ( .29)
*4 .3 ( .17)
32D122KW
11 .0 ( .43)
*8 .0 ( .31)
32D561KW
7 .3 ( .29)
*4 .3 ( .17)
32D152KW
12 .5 ( .49)
*9 .5 ( .37)
* Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification
Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without
in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above .
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com