Electronic Components Datasheet Search
  English  ▼

X  

7D151K Datasheet(PDF) 24 Page - World Produts Inc.

Part # 7D151K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D151K Datasheet(HTML) 24 Page - World Produts Inc.

Back Button 7D151K Datasheet HTML 20Page - World Produts Inc. 7D151K Datasheet HTML 21Page - World Produts Inc. 7D151K Datasheet HTML 22Page - World Produts Inc. 7D151K Datasheet HTML 23Page - World Produts Inc. 7D151K Datasheet HTML 24Page - World Produts Inc. 7D151K Datasheet HTML 25Page - World Produts Inc. 7D151K Datasheet HTML 26Page - World Produts Inc. 7D151K Datasheet HTML 27Page - World Produts Inc. 7D151K Datasheet HTML 28Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
22 | Metal Oxide Varistors
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D431KBS
275
370
11
16
400
387
473
710
5
65
VZ07D431KBS
21
28
1200
710
10
130
VZ10D431KBS
45
65
2500
710
25
310
VZ14D431KBS
75
115
4500
710
50
600
VZ20D431KBS
140
190
10000
710
100
1120
VZ25D431KBS
—
370
20000
710
100
1700
VZ05D471KBS
300
385
13
19
400
423
517
775
5
55
VZ07D471KBS
23
30
1200
775
10
115
VZ10D471KBS
47
70
2500
775
25
280
VZ14D471KBS
80
125
4500
775
50
570
VZ20D471KBS
150
220
10000
775
100
1000
VZ25D471KBS
—
390
20000
775
100
1600
VZ05D511KBS
320
420
15
21
400
459
561
865
5
39
VZ07D511KBS
23
32
1200
850
10
82
VZ10D511KBS
50
71
2500
840
25
260
VZ14D511KBS
84
128
4500
840
50
530
VZ20D511KBS
152
222
10000
840
100
950
VZ25D511KBS
—
422
20000
840
100
1500
VZ05D561KBS
360
470
17
25
400
522
638
960
5
36
VZ07D561KBS
27
39
1200
960
10
75
VZ10D561KBS
48
72
2500
910
25
240
VZ14D561KBS
85
139
4500
950
50
480
VZ20D561KBS
154
226
10000
910
100
900
VZ25D561KBS
—
460
20000
910
100
1300
VZ05D621KBS
390
505
19
27
400
558
682
1040
5
33
VZ07D621KBS
29
43
1200
1040
10
68
VZ10D621KBS
49
73
2500
1025
25
150
VZ14D621KBS
88
142
4500
1025
50
270
VZ20D621KBS
158
228
10000
1025
100
770
VZ25D621KBS
—
495
20000
1025
100
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com