Electronic Components Datasheet Search
  English  ▼

X  

7D151K Datasheet(PDF) 62 Page - World Produts Inc.

Part # 7D151K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D151K Datasheet(HTML) 62 Page - World Produts Inc.

Back Button 7D151K Datasheet HTML 57Page - World Produts Inc. 7D151K Datasheet HTML 58Page - World Produts Inc. 7D151K Datasheet HTML 59Page - World Produts Inc. 7D151K Datasheet HTML 60Page - World Produts Inc. 7D151K Datasheet HTML 61Page - World Produts Inc. 7D151K Datasheet HTML 62Page - World Produts Inc. 7D151K Datasheet HTML 63Page - World Produts Inc. 7D151K Datasheet HTML 64Page - World Produts Inc. 7D151K Datasheet HTML 65Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
60 | Metal Oxide Varistors
Standard Bulk Packaging
Disk Size mm
Varistor Voltage
Quantity
pieces/bag
Quantity
pieces/carton
Diameter 05
ALL
1000
10000
Diameter 07
ALL
500
5000
Diameter 10
180K-471K
500
5000
Above 511K
300
3000
Diameter 14
180K-751K
300
3000
Above 781K
200
2000
Diameter 18
ALL
200
2000
Diameter 20
180K-621K
100
1000
Above 681K
50
500
Diameter 25
180K-621K
50
500
Above 681K
30
300
Disk Size mm
Varistor Voltage
Quantity
pieces/box
Quantity
pieces/carton
32D (wire lead type)
201K-391K
80
320
431K-621K
60
240
681K-122K
40
160
32D
201K-391K
80
320
431K-621K
60
240
681K-122K
40
160
34R
201K-391K
80
320
431K-621K
60
240
681K-122K
40
160
40D
201K-391K
80
320
431K-621K
60
240
681K-122K
40
160
53D
201K-391K
80
320
431K-621K
60
240
681K-122K
40
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com