Electronic Components Datasheet Search
  English  ▼

X  

7D151K Datasheet(PDF) 40 Page - World Produts Inc.

Part # 7D151K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D151K Datasheet(HTML) 40 Page - World Produts Inc.

Back Button 7D151K Datasheet HTML 36Page - World Produts Inc. 7D151K Datasheet HTML 37Page - World Produts Inc. 7D151K Datasheet HTML 38Page - World Produts Inc. 7D151K Datasheet HTML 39Page - World Produts Inc. 7D151K Datasheet HTML 40Page - World Produts Inc. 7D151K Datasheet HTML 41Page - World Produts Inc. 7D151K Datasheet HTML 42Page - World Produts Inc. 7D151K Datasheet HTML 43Page - World Produts Inc. 7D151K Datasheet HTML 44Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
38 | Metal Oxide Varistors
VZ53 Series — Electrical Characteristics
Part
Number
Continuous Rated
Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
KAmps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ53D201
130
175
490
70
185
225
340
500
18000
VZ53D221
140
180
530
70
198
242
360
500
16000
VZ53D241
150
200
570
70
216
264
395
500
14000
VZ53D271
180
230
630
70
255
311
455
500
12500
VZ53D301
195
250
655
70
270
330
505
500
12000
VZ53D331
210
275
680
70
297
363
550
500
11500
VZ53D361
230
300
730
70
324
396
595
500
10000
VZ53D391
250
330
880
70
351
429
650
500
8800
VZ53D431
275
370
950
70
387
473
710
500
8000
VZ53D471
300
385
1000
70
423
517
775
500
7200
VZ53D511
320
420
1100
70
459
561
840
500
6600
VZ53D561
360
430
1200
70
522
638
910
500
6400
VZ53D621
390
505
1300
70
558
682
1025
500
6200
VZ53D681
420
560
1500
70
612
748
1120
500
5300
VZ53D751
460
615
1600
70
675
825
1240
500
5000
VZ53D781
485
640
1650
70
702
858
1290
500
4800
VZ53D821
510
675
1800
70
738
902
1355
500
4400
VZ53D911
550
745
2000
70
819
1001
1500
500
4100
VZ53D951
575
765
2100
70
855
1045
1570
500
4000
VZ53D102
625
825
2200
70
900
1100
1650
500
3700
VZ53D112
680
895
2500
70
957 .6
1170 .4
1815
500
3300
VZ53D122
750
970
2700
70
1062
1300
1980
500
3400
- Part Number Suffix Code
(ie: VZ53D201KR)
• K - Straight Lead
• KL - Straight Lead - Left Side Lead Orientation
• KQ - 90° Bend Lead
• KR - Uncoated Disk - Without Leads
• KF - Uncoated Disk - With Leads
• KN - Uncoated Disk - With one Lead only, Right side orientation
• KNL - Uncoated Disk - With one Lead only, Left side orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com