Electronic Components Datasheet Search
  English  ▼

X  

7D201K Datasheet(PDF) 28 Page - World Produts Inc.

Part # 7D201K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D201K Datasheet(HTML) 28 Page - World Produts Inc.

Back Button 7D201K Datasheet HTML 24Page - World Produts Inc. 7D201K Datasheet HTML 25Page - World Produts Inc. 7D201K Datasheet HTML 26Page - World Produts Inc. 7D201K Datasheet HTML 27Page - World Produts Inc. 7D201K Datasheet HTML 28Page - World Produts Inc. 7D201K Datasheet HTML 29Page - World Produts Inc. 7D201K Datasheet HTML 30Page - World Produts Inc. 7D201K Datasheet HTML 31Page - World Produts Inc. 7D201K Datasheet HTML 32Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
26 | Metal Oxide Varistors
High Energy E Series — Electrical Characteristics (5, 7, 10, 14, 18, 20 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05E391KBS
250
330
17
800
351
429
675
5
63
VZ07E391KBS
35
1750
650
10
116
VZ10E391KBS
70
3500
650
25
270
VZ14E391KBS
150
6000
650
50
500
VZ18E391KBS
245
9000
650
80
800
VZ20E391KBS
305
12000
650
100
1000
VZ05E431KBS
275
370
20
800
387
473
740
5
57
VZ07E431KBS
40
1750
710
10
108
VZ10E431KBS
80
3500
710
25
255
VZ14E431KBS
165
6000
710
50
460
VZ18E431KBS
270
9000
710
80
730
VZ20E431KBS
330
12000
710
100
950
VZ05E471KBS
300
385
21
800
423
517
775
5
50
VZ07E471KBS
42
1750
10
100
VZ10E471KBS
85
3500
25
230
VZ14E471KBS
175
6000
50
400
VZ18E471KBS
290
9000
80
660
VZ20E471KBS
350
12000
100
900
VZ10E511KBS
320
420
92
3500
459
561
840
25
210
VZ14E511KBS
190
6000
50
350
VZ18E511KBS
314
9000
80
570
VZ18E511KBS-V
350
12000
80
570
VZ20E511KBS
382
12000
100
800
VZ20E511KBS-V
400
15000
100
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com