Electronic Components Datasheet Search
  English  ▼

X  

7D201K Datasheet(PDF) 61 Page - World Produts Inc.

Part # 7D201K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D201K Datasheet(HTML) 61 Page - World Produts Inc.

Back Button 7D201K Datasheet HTML 57Page - World Produts Inc. 7D201K Datasheet HTML 58Page - World Produts Inc. 7D201K Datasheet HTML 59Page - World Produts Inc. 7D201K Datasheet HTML 60Page - World Produts Inc. 7D201K Datasheet HTML 61Page - World Produts Inc. 7D201K Datasheet HTML 62Page - World Produts Inc. 7D201K Datasheet HTML 63Page - World Produts Inc. 7D201K Datasheet HTML 64Page - World Produts Inc. 7D201K Datasheet HTML 65Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 59
18mm / 20mm Taping Specifications (continued)
Ammo Box
Ammo Box Taping Codes
(T44, T5, T2, T60, T45, T50, T40, T35)
A = 65 max, B = 250 max
C = 340 max
< 300VAC = 500 pieces, ≥ 300VAC = 300 pieces
All dimensions are in Millimeters.
Reel
Reel Taping Codes
(T1H, T30, T25, T3X, T1X, T2X, T4X, T2D)
A = Approx . 30ø, B = Approx . 95ø
W = Approx . 50, D = 350ømax
< 300VAC = 500 pieces, ≥ 300VAC = 300 pieces
B
C
A
W
A
B
D
P0
D0
Lx
W
W1
H0
D
A
P
12 .7 ±0 .3
W2
W0
L
H1
F
d
1 .7 mm
Max
t
h
h
P1
P
D
12 .7 ±0 .3
P0
H0
D0
1 .7 mm
Max
t
h
h
P1
P
D
12 .7 ±0 .3
P0
D0
H0
1 .7 mm
Max
t
h
h
P1
P0
D0
Lx
W
W1
P1
D
P
12 .7 ±0 .3
F
W2
W0
L
H1
d
1 .7 mm
Max
t
h
h
H0
Outward Crimp
T45 (Ammo Box) and T1X (Reel) (7.5mm Lead Spacing)
T50 (Ammo Box) and T2X (Reel) (10mm Lead Spacing)
Straight Lead
T44 (Ammo Box) and T1H (Reel) (7.5mm Lead Spacing)
T5 (Ammo Box) and T30 (Reel) (10mm Lead Spacing)
In-Line Crimp
T2 (Ammo Box) and T25 (Reel) (7.5mm Lead Spacing)
T60 (Ammo Box) and T3X (Reel) (10mm Lead Spacing
Inward Crimp
T40 (Ammo Box) and T4X (Reel) (7.5mm Lead Spacing)
T35 (Ammo Box) and T2D (Reel) (10mm Lead Spacing)
Based on EIA-468-B Specifications .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com