Electronic Components Datasheet Search
  English  ▼

X  

7D201K Datasheet(PDF) 47 Page - World Produts Inc.

Part # 7D201K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D201K Datasheet(HTML) 47 Page - World Produts Inc.

Back Button 7D201K Datasheet HTML 43Page - World Produts Inc. 7D201K Datasheet HTML 44Page - World Produts Inc. 7D201K Datasheet HTML 45Page - World Produts Inc. 7D201K Datasheet HTML 46Page - World Produts Inc. 7D201K Datasheet HTML 47Page - World Produts Inc. 7D201K Datasheet HTML 48Page - World Produts Inc. 7D201K Datasheet HTML 49Page - World Produts Inc. 7D201K Datasheet HTML 50Page - World Produts Inc. 7D201K Datasheet HTML 51Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 45
40mm Disk Size
VZ40D951K - (Top line on graph)
VZ40D911K
VZ40D821K
VZ40D751K
VZ40D681K
VZ40D621K
VZ40D511K
VZ40D471K
VZ40D431K
VZ40D391K
VZ40D361K
VZ40D271K
VZ40D241K
VZ40D201K - (Bottom line on graph)
At idle power, current levels shown to the left of the diskontinuity illustrate typically the high end leakage current . However, if lower leakage current
levels are desired, they may be guaranteed . In the clamping voltage region to the right of the diskontinuity, maximum clamping voltage is plotted .
V-I Characteristics (continued)
34mm Disk Size
VZ34D951K - (Top line on graph)
VZ34D911K
VZ34D821K
VZ34D751K
VZ34D681K
VZ34D621K
VZ34D511K
VZ34D471K
VZ34D431K
VZ34D391K
VZ34D361K
VZ34D271K
VZ34D241K
VZ32D201K - (Bottom line on graph)
10
100
1000
10000
10-6 10-5 10-4 10-3 10 -2 10-1 100 101 102 103 104 105
Max. Leakage
Current
Max. Clamping
Voltage
Varistor Current (A)
Pulse: 8x20s
Direct Current
10
100
1000
10000
Max. Leakage
Current
10-6 10-5 10-4 10-3 10 -2 10-1 100 101 102 103 104 105
Max. Clamping
Voltage
Varistor Current (A)
Pulse: 8x20s
Direct Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com