Electronic Components Datasheet Search
  English  ▼

X  

AME8802 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8802
Description  300mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8802 Datasheet HTML 1Page - Analog Microelectronics AME8802 Datasheet HTML 2Page - Analog Microelectronics AME8802 Datasheet HTML 3Page - Analog Microelectronics AME8802 Datasheet HTML 4Page - Analog Microelectronics AME8802 Datasheet HTML 5Page - Analog Microelectronics AME8802 Datasheet HTML 6Page - Analog Microelectronics AME8802 Datasheet HTML 7Page - Analog Microelectronics AME8802 Datasheet HTML 8Page - Analog Microelectronics AME8802 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Analog Microelectronics, Inc.
4
300mA CMOS LDO
AME8802
n
n
n
n
n Electrical Specifications
Parameter
Sym bol
Min
Typ
Ma x
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.2V<VO(NOM)<=2.0V
1300
Dropout Voltage
VDROPOUT
2.0V<VO(NOM)<=2.8V
400
2.8V<VO(NOM)
300
Output Current
IO
300
mA
Current Limit
ILIM
300
450
mA
Short Circuit Current
ISC
150
300
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
VO < 2.0V
-0.15
0.15
%
2.0V<=VO < 4.0V
-0.1
0.02
0.1
%
4.0V <= Vo
-0.4
0.2
0.4
%
Load Regulation
REGLOAD
-1
0.2
1
%
Over Temerature Shutdown
OTS
150
o
C
Over Temerature Hysterisis
OTH
30
o
C
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
PSRR
f=10kHz
20
dB
f=100kHz
15
VEH
2.0
Vin
V
VEL
00.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
1
µA
Shutdown Output Voltage
VO,SD
00.4
V
85
75
115
125
PG Leakage Current
ILC
1
µA
PG Voltage Rating
VPG
7V
PG Voltage Low
VOL
0.4
V
Note1:VIN(min)=VOUT+VDROPOUT
VIN=5V, VO=0V, VEN<VEL
ISINK=0.4mA
EN Input Bias Current
VEN=VIN, VIN=2.7V to 7V
VEN=0V, VIN=2.7V to 7V
IO=0.4mA, VEN<VEL
1.2V <= Vo < 2.5V
Output Under Voltage
VUV
2.5V <=Vo <= 5.0V
VPG=7V
VO in regulation
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
EN Input Threshold
VIN=2.7V to 7V
VIN=2.7V to 7V
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA
µVrms
Power Supply Rejection
IO=100mA
CO=2.2
µF
Co=2.2
µF30
IO=1mA to 300mA
VO>1.2V
VO<0.8V
IO=0mA
IO=1mA to 300mA
IO=300mA
VO=VONOM -2.0%
See
chart
mV
VO>1.2V
TA = 25
o C unless otherwise noted
Test Condition
IO=1mA
%VO(NOM)
%VO(NOM)
Output Over Voltage
VOV
2.5V <=Vo <= 5.0V
1.2V <= Vo < 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com