Electronic Components Datasheet Search
  English  ▼

X  

AME8802 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8802
Description  300mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8802 Datasheet HTML 3Page - Analog Microelectronics AME8802 Datasheet HTML 4Page - Analog Microelectronics AME8802 Datasheet HTML 5Page - Analog Microelectronics AME8802 Datasheet HTML 6Page - Analog Microelectronics AME8802 Datasheet HTML 7Page - Analog Microelectronics AME8802 Datasheet HTML 8Page - Analog Microelectronics AME8802 Datasheet HTML 9Page - Analog Microelectronics AME8802 Datasheet HTML 10Page - Analog Microelectronics AME8802 Datasheet HTML 11Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Analog Microelectronics, Inc.
7
AME8802
300mA CMOS LDO
Overtemperature Shutdown
TIME (0.5Sec/DIV)
R
LOAD =6.6 Ω
0
0
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+01
1.0E+03
1.0E+05
1.0E+07
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
100
µA
100mA
100
µA
C
L =2.2 µF Tantalum
C
BYP =0
Short Circuit Response
TIME (2mS/DIV)
R
LOAD =100 Ω
R
SHORT =0.1 Ω
0
0
Current Limit Response
TIME (2mS/DIV)
R
LOAD =3.3 Ω
0
0
Noise Measurement
TIME (20mS/DIV)
C
L = 2.2µF
NO FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com