Electronic Components Datasheet Search
  English  ▼

X  

AME8802 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8802
Description  300mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8802 Datasheet HTML 1Page - Analog Microelectronics AME8802 Datasheet HTML 2Page - Analog Microelectronics AME8802 Datasheet HTML 3Page - Analog Microelectronics AME8802 Datasheet HTML 4Page - Analog Microelectronics AME8802 Datasheet HTML 5Page - Analog Microelectronics AME8802 Datasheet HTML 6Page - Analog Microelectronics AME8802 Datasheet HTML 7Page - Analog Microelectronics AME8802 Datasheet HTML 8Page - Analog Microelectronics AME8802 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Analog Microelectronics, Inc.
2
300mA CMOS LDO
AME8802
n
n
n
n
n Pin Configuration
SOT-25 Top View
1. VIN
4. PG
2. GND
5. OUT
3. EN
n
n
n
n
n Ordering Information
5
4
12
3
Part N umber
Marking
Output Voltage
Package
Operating Temp. R ange
AME8802AEEV
AAKww
3.3V
SOT-25
-40
OC to +85OC
AME8802BEEV
AALww
3.0V
SOT-25
-40
OC to +85OC
AME8802C EEV
AAMww
2.8V
SOT-25
-40
OC to +85OC
AME8802D EEV
AANww
2.5V
SOT-25
-40
OC to +85OC
AME8802EEEV
AAOww
3.8V
SOT-25
-40
OC to +85OC
AME8802FEEV
ABPww
3.6V
SOT-25
-40
OC to +85OC
AME8802GEEV
AC Gww
3.5V
SOT-25
-40
OC to +85OC
AME8802HEEV
AEHww
2.7V
SOT-25
-40
OC to +85OC
AME8802IEEV
AEPww
3.4V
SOT-25
-40
OC to +85OC
AME8802JEEV
AGRww
2.85V
SOT-25
-40
OC to +85OC
AME8802KEEV
AHTww
3.7V
SOT-25
-40
OC to +85OC
AME8802LEEV
AJMww
1.5V
SOT-25
-40
OC to +85OC
AME8802MEEV
AJNww
1.8V
SOT-25
-40
OC to +85OC
AME8802NEEV
AKQww
2.9V
SOT-25
-40
OC to +85OC
AME8802OEEV
AKRww
3.1V
SOT-25
-40
OC to +85OC
AME8802TEEV
ARVww
1.2V
SOT-25
-40
OC to +85OC
AME8802UEEV
ASD ww
3.2V
SOT-25
-40
OC to +85OC
# represents the date code
Please consult AME sales office or authorized Rep./D istributor for other output voltage
and package type availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com