Electronic Components Datasheet Search
  English  ▼

X  

28F256 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # 28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

28F256 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button 28F256 Datasheet HTML 21Page - Advanced Micro Devices 28F256 Datasheet HTML 22Page - Advanced Micro Devices 28F256 Datasheet HTML 23Page - Advanced Micro Devices 28F256 Datasheet HTML 24Page - Advanced Micro Devices 28F256 Datasheet HTML 25Page - Advanced Micro Devices 28F256 Datasheet HTML 26Page - Advanced Micro Devices 28F256 Datasheet HTML 27Page - Advanced Micro Devices 28F256 Datasheet HTML 28Page - Advanced Micro Devices 28F256 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Am28F256
25
Figure 5.
Am28F256—Average ICC Active vs. Frequency
VCC = 5.5 V, Addressing Pattern = Minmax
Data Pattern = Checkerboard
TEST CONDITIONS
Table 6.
Test Specifications
ICC Active
in mA
25
20
15
10
5
0
01
23
45
67
8910
11
12
Frequency in MHz
11560F-13
55
°C
0
°C
25
°C
70
°C
125
°C
2.7 k
Ω
CL
6.2 k
Ω
5.0 V
Device
Under
Test
11560G-14
Figure 6.
Test Setup
Note: Diodes are IN3064 or equivalent
Test Condition
-70
All others
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL
(including jig capacitance)
30
100
pF
Input Rise and Fall Times
≤10
ns
Input Pulse Levels
0.0–3.0
0.45–2.4
V
Input timing measurement
reference levels
1.5
0.8, 2.0
V
Output timing measurement
reference levels
1.5
0.8, 2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com