Electronic Components Datasheet Search
  English  ▼

X  

28F256 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # 28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

28F256 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button 28F256 Datasheet HTML 24Page - Advanced Micro Devices 28F256 Datasheet HTML 25Page - Advanced Micro Devices 28F256 Datasheet HTML 26Page - Advanced Micro Devices 28F256 Datasheet HTML 27Page - Advanced Micro Devices 28F256 Datasheet HTML 28Page - Advanced Micro Devices 28F256 Datasheet HTML 29Page - Advanced Micro Devices 28F256 Datasheet HTML 30Page - Advanced Micro Devices 28F256 Datasheet HTML 31Page - Advanced Micro Devices 28F256 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
Am28F256
KEY TO SWITCHING WAVEFORMS
SWITCHING WAVEFORMS
Figure 7.
AC Waveforms for Read Operations
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
Addresses
CE# (E#)
OE# (G#)
WE# (W#)
Data (DQ)
5.0 V
VCC
0 V
Power-up, Standby
Device and
Address Selection
Outputs
Enabled
Data
Valid
Standby, Power-Down
Addresses Stable
High Z
High Z
tWHGL
tAVQV (tACC)
tEHQZ
(tDF)
tGHQZ
(tDF)
tELQX (tLZ)
tGLQX (tOLZ)
tELQV (tCE)
tGLQV (tOE)
tAXQX (tOH)
Output Valid
tAVAV (tRC)
tVCS
11560G-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com