Electronic Components Datasheet Search
  English  ▼

X  

28F256 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # 28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

28F256 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button 28F256 Datasheet HTML 22Page - Advanced Micro Devices 28F256 Datasheet HTML 23Page - Advanced Micro Devices 28F256 Datasheet HTML 24Page - Advanced Micro Devices 28F256 Datasheet HTML 25Page - Advanced Micro Devices 28F256 Datasheet HTML 26Page - Advanced Micro Devices 28F256 Datasheet HTML 27Page - Advanced Micro Devices 28F256 Datasheet HTML 28Page - Advanced Micro Devices 28F256 Datasheet HTML 29Page - Advanced Micro Devices 28F256 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
Am28F256
SWITCHING TEST WAVEFORMS
SWITCHING CHARACTERISTICS over operating range unless otherwise specified
AC Characteristics—Read Only Operation
Notes:
1. Guaranteed by design not tested.
2. Not 100% tested.
Parameter Symbols
Parameter Description
Am28F256 Speed Options
Unit
JEDEC
Standard
-70
-90
-120
-150
-200
tAVAV
tRC
Read Cycle Time (Note 2)
Min
70
90
120
150
200
ns
tELQV
tCE
Chip Enable AccessTime
Max
70
90
120
150
200
ns
tAVQV
tACC
Address Access Time
Max
70
90
120
150
200
ns
tGLQV
tOE
Output Enable Access Time
Max
35
35
50
55
55
ns
tELQX
tLZ
Chip Enable to Output in Low Z
(Note 2)
Min
0
00
00
ns
tEHQZ
tDF
Chip Disable to Output in High Z
(Note 1)
Max
2020
3035
35
ns
tGLQX
tOLZ
Output Enable to Output in Low Z
(Note 2)
Min
0
00
00
ns
tGHQZ
tDF
Output Disable to Output in High Z
(Note 2)
Max
2020
3035
35
ns
tAXQX
tOH
Output Hold from first of Address,
CE#, or OE# Change (Note 2)
Min
0
00
00
ns
tWHGL
Write Recovery Time before Read
Min
6
6
6
6
6
µs
tVCS
VCC Setup Time to Valid Read
(Note 2)
Min
5050
5050
50
µs
11560G-15
3 V
0 V
Input
Output
1.5 V
1.5 V
Test Points
AC Testing for -70 devices: Inputs are driven at 3.0 V for a
logic “1” and 0 V for a logic “0”. Input pulse rise and fall times
are
≤10 ns.
2.4 V
0.45 V
Input
Output
Test Points
2.0 V
2.0 V
0.8 V
0.8 V
AC Testing (all speed options except -70): Inputs are driven at
2.4 V for a logic “1” and 0.45 V for a logic “0”. Input pulse rise
and fall times are
≤10 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com