Electronic Components Datasheet Search
  English  ▼

X  

28F256 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # 28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

28F256 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button 28F256 Datasheet HTML 12Page - Advanced Micro Devices 28F256 Datasheet HTML 13Page - Advanced Micro Devices 28F256 Datasheet HTML 14Page - Advanced Micro Devices 28F256 Datasheet HTML 15Page - Advanced Micro Devices 28F256 Datasheet HTML 16Page - Advanced Micro Devices 28F256 Datasheet HTML 17Page - Advanced Micro Devices 28F256 Datasheet HTML 18Page - Advanced Micro Devices 28F256 Datasheet HTML 19Page - Advanced Micro Devices 28F256 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
Am28F256A
Toggle Bit—DQ6
The device also features a “Toggle Bit” as a method to
indicate to the host system that the Embedded algo-
rithms are either in progress or completed.
Successive attempts to read data from the device at a
valid address, while the Embedded Program algorithm
is in progress, or at any address while the Embedded
Erase algorithm is in progress, will result in DQ6 tog-
gling between one and zero. Once the Embedded Pro-
gram or Erase algorithm is completed, DQ6 will stop
toggling to indicate the completion of either Embedded
operation. Only on the next read cycle will valid data be
obtained. The toggle bit is valid after the rising edge of
the first WE# pulse of the two write pulse sequence, un-
like Data# Polling which is valid after the rising edge of
the second WE# pulse. This feature allows the user to
determine if the device is partially through the two write
pulse sequence.
See Figures 5 and 6 for the Toggle Bit timing specifica-
tions and diagrams.
START
Fail
No
DQ6 = Toggle
?
DQ5 = 1
?
Pass
Yes
No
Read Byte
(DQ0–DQ7)
Addr = VA
Read Byte
(DQ0–DQ7)
Addr = VA
Yes
No
Yes
DQ6 = Toggle
?
VA = Byte address for programming
= XXXXh during chip erase
18879C-10
Note:
DQ6 is rechecked even if DQ5 = “1” because DQ6 may stop toggling at the same time as DQ5 changing to “1”.
Figure 5.
Toggle Bit Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com