Electronic Components Datasheet Search
  English  ▼

X  

TAS5076PFC Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5076PFC
Description  Six-Channel Digital Audio PWM Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5076PFC Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5076PFC Datasheet HTML 2Page - Texas Instruments TAS5076PFC Datasheet HTML 3Page - Texas Instruments TAS5076PFC Datasheet HTML 4Page - Texas Instruments TAS5076PFC Datasheet HTML 5Page - Texas Instruments TAS5076PFC Datasheet HTML 6Page - Texas Instruments TAS5076PFC Datasheet HTML 7Page - Texas Instruments TAS5076PFC Datasheet HTML 8Page - Texas Instruments TAS5076PFC Datasheet HTML 9Page - Texas Instruments TAS5076PFC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Introduction
1
SLES090A—November 2003—Revised January 2004
TAS5076
1
Introduction
The TAS5076 is an innovative, cost-effective, high-performance 24-bit six-channel digital pulse-width
modulator (PWM) based on Equibit
 technology. Combined with a TI PurePath Digital audio amplifier power
stage, these devices use noise-shaping and sophisticated error-correction algorithms to achieve high power
efficiency and high-performance digital audio reproduction. The TAS5076 is designed to drive up to six digital
power devices to provide six channels of digital audio amplification. The digital power devices can be six
conventional monolithic power stages (such as the TAS5110) or six discrete differential power stages using
gate drivers and MOSFETs.
The TAS5076 has six independent volume controls and mute. The device operates in AD and BD modes. This
all-digital audio system contains only two analog components in the signal chain—an LC low-pass filter at each
speaker terminal. Dynamic range of 105 dB for the front channels and 102 dB for the other channels is
achievable on the TAS5076-TAS5182 EVM using the specified ABD and interchannel delay settings. The
TAS5076 has a wide variety of serial input options including right justified (16-, 20-, or 24-bit), I2S (16-, 20-,
or 24-bit) left justified, and DSP (16-bit) data formats. The device is fully compatible with AES standard
sampling rates of 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz, including de-emphasis for
44.1-kHz and 48-kHz sample rates. The TAS5076 plus the TAS51xx power stage device combination was
designed for home theater applications such as DVD minicomponent systems, home theater in a box (HTIB),
DVD receiver, A/V receiver, or TV sets.
1.1
Features
•
TI PurePath Digital Audio Amplifier
•
High-Quality Audio
−
Up to105-dB Dynamic Range†
−
<0.005% THD+N
•
Six-Channel Volume Control
−
Patented Soft Volume
−
Patented Soft Mute
•
16-, 20-, or 24-Bit Input Data
•
Sampling Rates: 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz
•
Supports Master and Slave Modes
•
3.3-V Power-Supply Operation
•
Economical 80-Pin TQFP Package
•
De-Emphasis: 32 kHz, 44.1 kHz, and 48 kHz
•
Clock Oscillator Circuit for Master Modes
•
Low-Jitter Internal PLL
•
Soft Volume and Mute Update
† Measured TAS5076-TAS5182 EVM
Equibit and PurePath Digital are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com