Electronic Components Datasheet Search
  English  ▼

X  

TAS5076PFC Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5076PFC
Description  Six-Channel Digital Audio PWM Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5076PFC Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5076PFC Datasheet HTML 5Page - Texas Instruments TAS5076PFC Datasheet HTML 6Page - Texas Instruments TAS5076PFC Datasheet HTML 7Page - Texas Instruments TAS5076PFC Datasheet HTML 8Page - Texas Instruments TAS5076PFC Datasheet HTML 9Page - Texas Instruments TAS5076PFC Datasheet HTML 10Page - Texas Instruments TAS5076PFC Datasheet HTML 11Page - Texas Instruments TAS5076PFC Datasheet HTML 12Page - Texas Instruments TAS5076PFC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Introduction
4
SLES090A—November 2003—Revised January 2004
TAS5076
1.4
Ordering Information
Texas Instruments
T
AS
Audio Solutions
5076
PFC
Device Number
Package Type
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC 80-PIN TQFP
(PFC)
0
°C to 70°C
TAS5076PFC
1.5
Terminal Functions
TERMINAL
FUNCTION†
DESCRIPTION
NAME
NO.
FUNCTION†
DESCRIPTION
AVDD_OSC
80
P
Analog power supply for internal oscillator cells
AVDD_PLL
4
P
Analog power supply for PLL
AVSS_OSC
77
O
Analog ground for internal oscillator cells
AVSS_PLL
7
P
Analog ground for PLL
CLIP
25
O
Digital clipping indicator, active low
CS0
18
I
I2C serial control chip address select input, active high
DBSPD
24
I
Sample rate is double speed (88.2 kHz or 96 kHz), active high
DEM_SEL1
36
I
De-emphasis select bit 2, 10 = 48 kHz, 11= undefined (none)
DEM_SEL2
35
I
De-emphasis select bit 1 (0 = none, 01 = 32 kHz, 10 = 44.1 kHz
DVDD
32
P
Digital power supply
DVDD_PWM
57
P
Digital power supply for PWM
DVDD_RCL
59
P
Digital power supply for reclocker
DVSS
33, 76
P
Digital ground for digital core and most of I/O buffers
DVSS1
10, 38, 39
I/O
Digital ground for digital core and most of I/O buffers
DVSS_PWM
56
P
Digital ground for PWM
DVSS_RCL
58
P
Digital ground for reclocker
ERR_RCVRY
13
I
Error recovery input, active low
LRCLK
31
I/O
Serial audio data left / right clock (sampling rate clock) (input when M_S = 0; output when
M_S = 1)
M_S
37
I
Master/slave mode input signal (master = 1, slave = 0)
MCLK_IN
3
I
MCLK input, slave mode (or master / double-speed mode)
MCLK_OUT
29
O
MCLK output buffered system clock output if M_S = 1; otherwise set to 0
MUTE
14
I
Mute input signal, active low (muted signal = 0, normal mode = 1)
N/C
1, 2, 8, 11,
19−23, 40
—
Not connected
PDN
15
I
Power down, active low
PLL_FLT_OUT
5
O
PLL external filter
† I = input; O = output; I/O = input/output; P = power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com