Electronic Components Datasheet Search
  English  ▼

X  

TAS5717PHPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717PHPR
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717PHPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS5717PHPR Datasheet HTML 55Page - Texas Instruments TAS5717PHPR Datasheet HTML 56Page - Texas Instruments TAS5717PHPR Datasheet HTML 57Page - Texas Instruments TAS5717PHPR Datasheet HTML 58Page - Texas Instruments TAS5717PHPR Datasheet HTML 59Page - Texas Instruments TAS5717PHPR Datasheet HTML 60Page - Texas Instruments TAS5717PHPR Datasheet HTML 61Page - Texas Instruments TAS5717PHPR Datasheet HTML 62Page - Texas Instruments TAS5717PHPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
InvertingInput
–In
TAS5717
R1
R2
+
–
C3
R3
C1
C2
S0447-01
SupplyRamp
Supply
HP_SD
Timefor AC-Coupling
CapacitorstoCharge
T0463-01
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
The component values can be calculated with the help of the TI FilterPro
™ program available on the TI website
at:
http://focus.ti.com/docs/toolsw/folders/print/filterpro.html
Figure 49. Second-Order Active Low-Pass Filter
The resistor values should have a low value for obtaining low noise, but should also have a high enough value to
get a small size ac-coupling cap. C2 can be split in two with the midpoint connected to GND, this can increase
the common-mode attenuation.
Pop-Free Power Up
Pop-free power up is ensured by keeping the HP_SD low during power supply ramp up and down. The pin
should be kept low until the input AC-coupling capacitors are fully charged before asserting the HP_SD pin high,
this way proper pre-charge of the ac-coupling is performed and pop-less power-up is achieved. Figure 50
illustrates the preferred sequence.
Figure 50. Power-Up/Down Sequence
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com