Electronic Components Datasheet Search
  English  ▼

X  

TAS5717PHPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717PHPR
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717PHPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5717PHPR Datasheet HTML 9Page - Texas Instruments TAS5717PHPR Datasheet HTML 10Page - Texas Instruments TAS5717PHPR Datasheet HTML 11Page - Texas Instruments TAS5717PHPR Datasheet HTML 12Page - Texas Instruments TAS5717PHPR Datasheet HTML 13Page - Texas Instruments TAS5717PHPR Datasheet HTML 14Page - Texas Instruments TAS5717PHPR Datasheet HTML 15Page - Texas Instruments TAS5717PHPR Datasheet HTML 16Page - Texas Instruments TAS5717PHPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
t
w(RESET)
RESET
t
d(I2C_ready)
SystemInitialization.
EnableviaI C.
2
T0421-01
I C Active
2
I C Active
2
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
RESET TIMING (RESET)
Control signal parameters over recommended operating conditions (unless otherwise noted). Please refer to Recommended
Use Model section on usage of all terminals.
PARAMETER
MIN
TYP
MAX
UNIT
tw(RESET)
Pulse duration, RESET active
100
μs
td(I2C_ready)
Time to enable I2C
12
ms
NOTES: 1. On power up, it is recommended that the TAS5717/9 RESET be held LOW for at least 100
μs after DVDD has
reached 3 V.
2. If RESET is asserted LOW while PDN is LOW, then the RESET must continue to be held LOW for at least 100
μs
after PDN is deasserted (HIGH).
Figure 4. Reset Timing
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com