Electronic Components Datasheet Search
  English  ▼

X  

TAS5717PHPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717PHPR
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717PHPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5717PHPR Datasheet HTML 15Page - Texas Instruments TAS5717PHPR Datasheet HTML 16Page - Texas Instruments TAS5717PHPR Datasheet HTML 17Page - Texas Instruments TAS5717PHPR Datasheet HTML 18Page - Texas Instruments TAS5717PHPR Datasheet HTML 19Page - Texas Instruments TAS5717PHPR Datasheet HTML 20Page - Texas Instruments TAS5717PHPR Datasheet HTML 21Page - Texas Instruments TAS5717PHPR Datasheet HTML 22Page - Texas Instruments TAS5717PHPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
VO = 1Vrms
HPVDD = 3.3V
RL = 5kΩ
TA = 25°C
0.001
0.01
0.1
1
10
10m
100m
1
4
Output Voltage (V)
f = 1kHz
PVDD =3.3V
RL = 5kΩ
TA = 25°C
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
VO = 1Vrms
PVDD = 3.3V
RL = 5kΩ
TA = 25°C
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
TYPICAL CHARACTERISTICS, LINE DRIVER TESTS, SE CONFIGURATION, 5k
Ω
SPACER
SPACER
ANALOG IN
PWM IN
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 23.
Figure 24.
SPACER
SPACER
SPACER
ANALOG IN
CROSSTALK
vs
FREQUENCY
Figure 25.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com