Electronic Components Datasheet Search
  English  ▼

X  

ESDAXLC6-1MY2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAXLC6-1MY2
Description  Extra low capacitance single line TVS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC6-1MY2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAXLC6-1MY2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2011
Doc ID 16923 Rev 2
1/11
11
ESDAXLC6-1MY2
Extra low capacitance single line TVS
Features
■ Extra low capacitance 0.35 pF max on a wide
frequency spectrum (200 MHz - 3000 MHz)
■ Unidirectional device
■ Low clamping factor VCL/VBR
■ Fast response time
■ Very thin package: 0.55 mm max
■ Low leakage current
■ High ESD protection level
■ High integration
■ Suitable for high density boards
Complies with the following standards
■ IEC 61000-4-2 level 4
■ MIL STD 883G-Method 3015-7: class 3B
Applications
Where transient over voltage protection and
electrical overstress protection in sensitive
equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment Portable equipment
Description
The ESDAXLC6-1MY2 is a single line Transil™
diode designed specifically for the protection of
integrated circuits in portable equipment and
miniaturized electronics devices subject to ESD
transient over voltages. Packaged in µQFN-2L, it
minimizes PCB consumption.
Figure 1.
Functional diagram
TM: Transil is a trademark of STMicroelectronics
µQFN-2L
I/01
I/02
GND
www.st.com


Similar Part No. - ESDAXLC6-1MY2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXLC6-1MY2 STMICROELECTRONICS-ESDAXLC6-1MY2 Datasheet
162Kb / 11P
Extra low capacitance single line TVS
23-Sep-2011
More results

Similar Description - ESDAXLC6-1MY2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXLC6-1MY2 STMICROELECTRONICS-ESDAXLC6-1MY2 Datasheet
162Kb / 11P
Extra low capacitance single line TVS
23-Sep-2011
logo
Union Semiconductor, In...
UM5084 UNIONSEMI-UM5084 Datasheet
250Kb / 5P
Low Capacitance Bidirectional Single Line TVS Protection Diode
UM5080T UNIONSEMI-UM5080T Datasheet
256Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
UM5080 UNIONSEMI-UM5080 Datasheet
172Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
logo
STMicroelectronics
ESDAXLC4-1BF3 STMICROELECTRONICS-ESDAXLC4-1BF3 Datasheet
177Kb / 10P
Single line extra low capacitance TVS
May 2011 Rev 2
ESDAXLC6-1BT2Y STMICROELECTRONICS-ESDAXLC6-1BT2Y Datasheet
392Kb / 12P
Automotive single-line extra low capacitance Transil, transient surge voltage suppressor (TVS) for ESD protection
03-Nov-2014
ESDAXLC18-1BF4 STMICROELECTRONICS-ESDAXLC18-1BF4 Datasheet
267Kb / 10P
Extra low capacitance single line bidirectional ESD protection
07-Jul-2016
logo
FutureWafer Tech Co.,Lt...
FSE838 FUTUREWAFER-FSE838 Datasheet
1Mb / 16P
Extra Low Capacitance Latch-up TVS Diode
VM8803 FUTUREWAFER-VM8803 Datasheet
1Mb / 6P
Extra Low Capacitance TVS Diode Array
FESD33LVCA FUTUREWAFER-FESD33LVCA Datasheet
844Kb / 5P
Extra Low Capacitance SnapBack TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com