Electronic Components Datasheet Search
  English  ▼

X  

ESDAXLC6-1MY2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDAXLC6-1MY2
Description  Extra low capacitance single line TVS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC6-1MY2 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDAXLC6-1MY2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ESDAXLC6-1MY2
Package information
Doc ID 16923 Rev 2
5/11
3
Package information
●
Epoxy meets UL 94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
Table 3.
µQFN-2L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.017 0.020 0.022
A1
0.00
0.05
0.000
0.002
b1
0.20
0.25
0.30
0.008 0.010 0.012
b2
0.20
0.25
0.30
0.008 0.010 0.012
D
1.00
0.039
E
0.60
0.024
e
0.65
0.026
L1
0.45
0.50
0.55
0.018 0.020 0.022
L2
0.45
0.50
0.55
0.018 0.020 0.022
Figure 10. Footprint (dimensions in mm) Figure 11. Marking
INDEX AREA
(D/2 x E/2)
INDEX AREA
(D/2 x E/2)
OPTIONAL
PIN # 1 ID
D
E
A1
A
b1
e
b2
L2
L1
0.55
0.40
0.50
0.55
Pin1
Pin 2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com