Electronic Components Datasheet Search
  English  ▼

X  

ESDAXLC6-1MY2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAXLC6-1MY2
Description  Extra low capacitance single line TVS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC6-1MY2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAXLC6-1MY2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC6-1MY2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDAXLC6-1MY2
Characteristics
Doc ID 16923 Rev 2
3/11
Figure 3.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 4.
Junction capacitance versus
frequency (Vr = 0 V, typical values)
100
150
200
250
300
350
400
450
500
012
345
Capacitance (fF)
Voltage (V)
F = 200 MHz
Vosc = 30 mV
C (fF)
100
150
200
250
300
350
400
450
500
1
10
100
1000
10000
Frequency (MHz)
V= 0 V
V= 30 mV
r
osc
Figure 5.
S21 (dB) attenuation
Figure 6.
Relative variation of leakage
current versus junction
temperature (typical values)
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
10.0G
14.00
12.00
-10.00
-8.00
-6.00
-
-
-
-
-
-
-4.00
- 2.00
0.00
S21 (dB)
f (Hz)
1
10
100
1000
10000
25
50
75
100
125
I [T ]/I [T = 25 °C]
Rj
R
j
T (°C)
j
V= 3 V
T
= 25 °C
R
jinitial
Figure 7.
ESD response to IEC 61000-4-2
(+ 8 kV contact discharge)
Figure 8.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
20 V/div
20 ns/div
C2
20 V/div
20 ns/div
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com