Electronic Components Datasheet Search
  English  ▼

X  

THS3111CD Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS3111CD
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3111CD Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS3111CD Datasheet HTML 18Page - Texas Instruments THS3111CD Datasheet HTML 19Page - Texas Instruments THS3111CD Datasheet HTML 20Page - Texas Instruments THS3111CD Datasheet HTML 21Page - Texas Instruments THS3111CD Datasheet HTML 22Page - Texas Instruments THS3111CD Datasheet HTML 23Page - Texas Instruments THS3111CD Datasheet HTML 24Page - Texas Instruments THS3111CD Datasheet HTML 25Page - Texas Instruments THS3111CD Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
0.205
(5,21)
0.060
(1,52)
0.013
(0,33)
0.017
(0,432)
0.025
(0,64)
0.094
(2,39)
0.040
(1,01)
0.035
(0,89)
0.030
(0,76)
0.075
(1,91)
0.010
vias
(0,254)
DIE
Side View (a)
DIE
End View (b)
Thermal
Pad
Bottom View (c)
THS3110
THS3111
SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
PowerPAD DESIGN CONSIDERATIONS
PowerPAD LAYOUT CONSIDERATIONS
1. PCB with a top side etch pattern as shown in
The THS3110 and THS3111 are available in a
Figure 64. There should be etch for the leads as
thermally-enhanced PowerPAD family of packages.
well as etch for the thermal pad.
These packages are constructed using a downset
leadframe upon which the die is mounted (see
Figure 63a and Figure 63b). This arrangement results
in the lead frame being exposed as a thermal pad on
the underside of the package (see Figure 63c).
Because this thermal pad has direct thermal contact
with the die, excellent thermal performance can be
achieved by providing a good thermal path away from
the thermal pad. Note that devices such as the
THS311x have no electrical connection between the
PowerPAD and the die.
The PowerPAD package allows for both assembly
and thermal management in one manufacturing
operation. During the surface-mount solder operation
(when the leads are being soldered), the thermal pad
can also be soldered to a copper area underneath the
package. Through the use of thermal paths within this
copper area, heat can be conducted away from the
Dimensions are in inches (mm).
package into either a ground plane or other heat
dissipating device.
Figure 64. DGN PowerPAD PCB Etch and
Via Pattern
The PowerPAD package represents a breakthrough
in combining the small area and ease of assembly of
2. Place five holes in the area of the thermal pad.
surface
mount
with
the,
heretofore,
awkward
These holes should be 0.01 inch (0,254 mm) in
mechanical methods of heatsinking.
diameter. Keep them small so that solder wicking
through the holes is not a problem during reflow.
3. Additional vias may be placed anywhere along
the thermal plane outside of the thermal pad
area. This helps dissipate the heat generated by
the THS3110/THS3111 IC. These additional vias
may be larger than the 0.01-inch (0,254 mm)
diameter vias directly under the thermal pad.
They can be larger because they are not in the
thermal pad area to be soldered so that wicking
Figure 63. Views of Thermal Enhanced Package
is not a problem.
4. Connect all holes to the internal ground plane.
Although there are many ways to properly heatsink
Note that the PowerPAD is electrically isolated
the PowerPAD package, the following steps illustrate
from the silicon and all leads. Connecting the
the recommended approach.
PowerPAD to any potential voltage such as VS–,
is acceptable as there is no electrical connection
space
to the silicon.
space
5. When connecting these holes to the ground
plane, do not use the typical web or spoke via
space
connection methodology. Web connections have
space
a high thermal resistance connection that is
useful for slowing the heat transfer during
space
soldering operations. This makes the soldering of
space
vias that have plane connections easier. In this
application, however, low thermal resistance is
space
desired for the most efficient heat transfer.
space
Therefore,
the
holes
under
the
THS3110/THS3111 PowerPAD package should
space
make their connection to the internal ground
plane with a complete connection around the
space
22
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3110 THS3111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com