Electronic Components Datasheet Search
  English  ▼

X  

THS3111CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3111CD
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3111CD Datasheet(HTML) 3 Page - Texas Instruments

  THS3111CD Datasheet HTML 1Page - Texas Instruments THS3111CD Datasheet HTML 2Page - Texas Instruments THS3111CD Datasheet HTML 3Page - Texas Instruments THS3111CD Datasheet HTML 4Page - Texas Instruments THS3111CD Datasheet HTML 5Page - Texas Instruments THS3111CD Datasheet HTML 6Page - Texas Instruments THS3111CD Datasheet HTML 7Page - Texas Instruments THS3111CD Datasheet HTML 8Page - Texas Instruments THS3111CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
THS3110
THS3111
www.ti.com........................................................................................................................................ SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Dual supply
±5
±15
Supply voltage
V
Single supply
10
30
Commercial
0
+70
Operating free-air temperature, TA
Industrial
–40
+85
°C
Operating junction temperature, continuous operating temperature, TJ
–40
+125
Normal storage temperature, TSTG
–40
+85
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature, unless otherwise noted.
UNIT
Supply voltage, VS– to VS+
33 V
Input voltage, VI
± VS
Differential input voltage, VID
± 4 V
Output current, IO
(2)
300 mA
Continuous power dissipation
See Dissipation Ratings Table
Maximum junction temperature, TJ
(3)
+150°C
Maximum junction temperature, continuous operation, long term reliability, TJ
(4)
+125°C
Commercial
0°C to +70°C
Operating free-air temperature, TA
Industrial
–40°C to +85°C
Storage temperature, Tstg
–65°C to +125°C
ESD ratings:
HBM
900
CDM
1500
MM
200
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The THS3110 and THS3111 may incorporate a PowerPAD on the underside of the chip. This feature acts as a heatsink and must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the
PowerPAD™ thermally-enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
(4)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS3110 THS3111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com