Electronic Components Datasheet Search
  English  ▼

X  

THS3111CD Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS3111CD
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3111CD Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS3111CD Datasheet HTML 19Page - Texas Instruments THS3111CD Datasheet HTML 20Page - Texas Instruments THS3111CD Datasheet HTML 21Page - Texas Instruments THS3111CD Datasheet HTML 22Page - Texas Instruments THS3111CD Datasheet HTML 23Page - Texas Instruments THS3111CD Datasheet HTML 24Page - Texas Instruments THS3111CD Datasheet HTML 25Page - Texas Instruments THS3111CD Datasheet HTML 26Page - Texas Instruments THS3111CD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
T =125 C
J
°
T
Free-AirTemperature
C
A -
- °
P
=
DMax
T
T
-
Max
A
q
JA
THS3110
THS3111
www.ti.com........................................................................................................................................ SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009
entire circumference of the plated-through hole.
Maximum power dissipation levels are depicted in
Figure 65 for the available packages. The data for the
6. The top-side solder mask should leave the
PowerPAD packages assume a board layout that
terminals of the package and the thermal pad
follows the PowerPAD layout guidelines referenced
area with its five holes exposed. The bottom-side
above and detailed in the PowerPAD application note
solder mask should cover the five holes of the
(literature
number
SLMA002).
Figure
65
also
thermal pad area. This prevents solder from
illustrates the effect of not soldering the PowerPAD to
being pulled away from the thermal pad area
a
PCB.
The
thermal
impedance
increases
during the reflow process.
substantially which may cause serious heat and
7. Apply solder paste to the exposed thermal pad
performance issues. Be sure to always solder the
area and all of the IC terminals.
PowerPAD to the PCB for optimum performance.
8. With these preparatory steps in place, the IC is
simply placed in position and run through the
solder
reflow
operation
as
any
standard
surface-mount component. This results in a part
that is properly installed.
POWER DISSIPATION AND THERMAL
CONSIDERATIONS
The THS3110 and THS3111 incorporate automatic
thermal shutoff protection. This protection circuitry
shuts down the amplifier if the junction temperature
exceeds approximately +160°C. When the junction
temperature reduces to approximately +140°C, the
amplifier
turns
on
again.
But,
for
maximum
performance and reliability, the designer must take
care to ensure that the design does not exceed a
junction temperature of +125°C. Between +125°C
Results are with no airflow and PCB size = 3 in × 3 in (7,62 mm ×
7,62 mm);
θJA = 58.4°C/W for MSOP-8 with PowerPAD (DGN); θJA
and +150°C, damage does not occur, but the
= 95°C/W for SOIC-8 High-K Test PCB (D);
θJA = 158°C/W for
performance of the amplifier begins to degrade and
MSOP-8 with PowerPAD, without solder.
long
term
reliability
suffers.
The
thermal
characteristics of the device are dictated by the
Figure 65. Maximum Power Distribution
package
and
the
PC
board.
Maximum
power
vs Ambient Temperature
dissipation for a given package can be calculated
using the following formula.
When determining whether or not the device satisfies
the maximum power dissipation requirement, it is
important to not only consider quiescent power
(1)
dissipation, but also dynamic power dissipation. Often
Where:
times, this is difficult to quantify because the signal
•
PDMax is the maximum power dissipation in the
pattern is inconsistent, but an estimate of the RMS
amplifier (W)
power dissipation can provide visibility into a possible
•
TMax is the absolute maximum junction
problem.
temperature (°C)
•
TA is the ambient temperature (°C)
DESIGN TOOLS
•
θJA = θJC + θCA
Evaluation Fixtures, Spice Models, and
•
θJC is the thermal coefficient from the silicon
Application Support
junctions to the case (°C/W)
•
θCA is the thermal coefficient from the case to
Texas Instruments is committed to providing its
ambient air (°C/W)
customers with the highest quality of applications
support. To support this goal an evaluation board has
For systems where heat dissipation is more critical,
been developed for the THS3110 and THS3111
the THS3110 and THS3111 are offered in an
operational amplifiers. The board is easy to use,
MSOP-8 with PowerPAD package offering even
allowing for straightforward evaluation of the device.
better thermal performance. The thermal coefficient
The evaluation board can be ordered through the
for
the
PowerPAD
packages
are
substantially
Texas Instruments web site, www.ti.com, or through
improved over the traditional SOIC.
your local Texas Instruments sales representative.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS3110 THS3111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com