Electronic Components Datasheet Search
  English  ▼

X  

MA520ABC008 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # MA520ABC008
Description  2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA520ABC008 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button MA520ABC008 Datasheet HTML 14Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 15Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 16Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 17Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 18Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 19Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 20Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 21Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
SPE-13-8-071/B/AS | page 20 of 22
MA.520.C.B208111.C208151
6. Drawing
Name
Material
Finish
QTY
1
Housing
ABS PA-707
Black
1
2
Closed Cell Foam
CR 4305
Black
1
3
3M Double Adhesive
3M 9448 WC
White Liner
1
4
M18 Inner Nut
Steel Carbon
Ni Plated
1
5
Outer Nut Cover
ABS
Black
1
6
M18x2.5 Thread 14.6L Zinc Alloy
Ni Plated
1
7
Heat Shrink Tube
PE
Black
2
8
Cellular Label
Coated Paper
Orange
1
9
2.4/5GHz Label
Coated Paper
Green
1
10 Rubber Stopper
Rubber
Black
1
Name
Spec
Finish
QTY
VV
Connector Type
SMA(M) ST
Gold
1
WW Connector Type
SMA(M) RP ST Gold
1
YY
Cable Type
RG316
Black
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com