Electronic Components Datasheet Search
  English  ▼

X  

MA520ABC008 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MA520ABC008
Description  2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA520ABC008 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MA520ABC008 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 9Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SPE-13-8-071/B/AS | page 6 of 22
MA.520.C.B208111.C208151
4. Antenna Parameters
4.1 Return Loss
Frequency (MHz)
Figure 3. Return loss of MA520 Cellular Antenna on 30*30 cm metal plate.
Frequency (MHz)
Figure 4. Return loss of MA520 Cellular Antenna on 60 *60 cm metal plate.
0
-5
-10
-15
-20
-25
-30
700
800
900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
Return Loss (dB)
Return Loss (dB)
0.3 meters
1.0 meter
2.0 meter
3.0 meter
5.0 meter
0
-5
-10
-15
-20
-25
-30
700
800
900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
0.3 meters
1.0 meter
2.0 meter
3.0 meter
5.0 meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com