Electronic Components Datasheet Search
  English  ▼

X  

MA520ABC008 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MA520ABC008
Description  2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA520ABC008 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MA520ABC008 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 9Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 10Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 11Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SPE-13-8-071/B/AS | page 8 of 22
MA.520.C.B208111.C208151
Frequency (MHz)
Figure 7. Efficiency of MA520 Cellular Antenna on 30*30cm metal plate
Frequency (MHz)
Figure 8. Efficiency of MA520 Cellular Antenna on 60*60 cm metal plate.
4.2 Efficiency
4. Antenna Parameters
60
50
40
30
20
10
0
0.3 meters
1.0 meter
2.0 meter
3.0 meter
5.0 meter
800
900
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
60
50
40
30
20
10
0
800
900
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
0.3 meters
1.0 meter
2.0 meter
3.0 meter
5.0 meter
Efficiency (%)
Efficiency (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com