Electronic Components Datasheet Search
  English  ▼

X  

EV22D14KA Datasheet(PDF) 21 Page - World Produts Inc.

Part # EV22D14KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D14KA Datasheet(HTML) 21 Page - World Produts Inc.

Back Button EV22D14KA Datasheet HTML 17Page - World Produts Inc. EV22D14KA Datasheet HTML 18Page - World Produts Inc. EV22D14KA Datasheet HTML 19Page - World Produts Inc. EV22D14KA Datasheet HTML 20Page - World Produts Inc. EV22D14KA Datasheet HTML 21Page - World Produts Inc. EV22D14KA Datasheet HTML 22Page - World Produts Inc. EV22D14KA Datasheet HTML 23Page - World Produts Inc. EV22D14KA Datasheet HTML 24Page - World Produts Inc. EV22D14KA Datasheet HTML 25Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 19
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions for EV Ultra High Energy (-H) Series – Tab Lead using standard epoxy
coating.
Dimensions are in mm (inches)
34mm
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV34D60K-H
4.35 (0.171)
1.45 (0.057)
EV34D250K-H
6.42 (0.253)
3.42 (0.135)
EV34D75K-H
4.54 (0.179)
1.64 (0.065)
EV34D275K-H
6.71 (0.264)
3.71 (0.146)
EV34D130K-H
5.06 (0.199)
2.06 (0.081)
EV34D300K-H
6.99 (0.275)
3.99 (0.157)
EV34D140K-H
5.21 (0.205)
2.21 (0.087)
EV34D320K-H
7.35 (0.289)
4.35 (0.171)
EV34D150K-H
5.35 (0.211)
2.35 (0.093)
EV34D360K-H
7.64 (0.301)
4.64 (0.183)
EV34D180K-H
5.56 (0.219)
2.56 (0.101)
EV34D390K-H
8.10 (0.319)
5.1 (0.201)
EV34D195K-H
5.78 (0.228)
2.78 (0.109)
EV34D420K-H
8.56 (0.337)
5.56 (0.219)
EV34D210K-H
5.99 (0.236)
2.99 (0.118)
EV34D230K-H
6.21 (0.244)
3.21 (0.126)
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com