Electronic Components Datasheet Search
  English  ▼

X  

EV22D14KA Datasheet(PDF) 14 Page - World Produts Inc.

Part # EV22D14KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D14KA Datasheet(HTML) 14 Page - World Produts Inc.

Back Button EV22D14KA Datasheet HTML 10Page - World Produts Inc. EV22D14KA Datasheet HTML 11Page - World Produts Inc. EV22D14KA Datasheet HTML 12Page - World Produts Inc. EV22D14KA Datasheet HTML 13Page - World Produts Inc. EV22D14KA Datasheet HTML 14Page - World Produts Inc. EV22D14KA Datasheet HTML 15Page - World Produts Inc. EV22D14KA Datasheet HTML 16Page - World Produts Inc. EV22D14KA Datasheet HTML 17Page - World Produts Inc. EV22D14KA Datasheet HTML 18Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
12 | Metal Oxide Varistors - EV Series
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions for EV High Energy (-J) Series (5, 7, 10, 14 and 20mm) using standard epoxy
coating. For flame retardant coating (suffix “s”) dimensions “E” & “a” add 10% (x1.10) as this
coating is thicker.
Dimensions are in mm (inches)
10mm
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV10D11K-J
3.8 (.15)
1.4 (.06)
EV10D195K-J
4.4 (.17)
1.8 (.07)
EV10D14K-J
3.9 (.15)
1.5 (.06)
EV10D210K-J
4.6 (.18)
1.9 (.08)
EV10D17K-J
4.2 (.17)
1.7 (.07)
EV10D230K-J
4.8 (.19)
2.0 (.08)
EV10D20K-J
3.8 (.15)
1.9 (.08)
EV10D250K-J
5.0 (.20)
2.1 (.08)
EV10D25K-J
4.0 (.16)
1.7 (.07)
EV10D275K-J
5.2 (.21)
2.1 (.08)
EV10D30K-J
4.2 (.17)
1.8 (.07)
EV10D300K-J
5.4 (.21)
2.6 (.10)
EV10D35K-J
4.3 (.17)
2.0 (.08)
EV10D320K-J
5.5 (.22)
2.6 (.10)
EV10D40K-J
4.4 (.17)
2.2 (.09)
EV10D360K-J
5.9 (.23)
2.8 (.10)
EV10D50K-J
3.8 (.15)
1.4 (.06)
EV10D390K-J
6.2 (.24)
3.1 (.12)
EV10D60K-J
4.0 (.16)
1.4 (.06)
EV10D420K-J
6.4 (.25)
*3.3 (.13)
EV10D75K-J
4.2 (.17)
1.5 (.06)
EV10D460K-J
6.6 (.26)
*3.5 (.14)
EV10D95K-J
4.4 (.17)
1.7 (.07)
EV10D485K-J
6.8 (.27)
*3.6 (.14)
EV10D120K-J
3.6 (.14)
1.6 (.06)
EV10D510K-J
7.2 (.28)
*3.8 (.15)
EV10D130K-J
3.8 (.15)
1.7 (.07)
EV10D550K-J
7.6 (.30)
*4.1 (.16)
EV10D140K-J
3.9 (.15)
1.8 (.07)
EV10D625K-J
8.0 (.32)
*4.4 (.17)
EV10D150K-J
4.0 (.16)
1.9 (.07)
EV10D680K-J
8.5 (.37)
*4.9 (.19)
EV10D180K-J
4.2 (.17)
2.0 (.08)
* Parts rated ≥420VAC come standard with inline crimp for straight disk seating on PC boards. For these parts, the “a” dimension is not applicable. If
≥420VAC parts are required without inline crimp, please reference”Part Number System” position 9 and add suffix “N” then reference “a” dimension
above.
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com