Electronic Components Datasheet Search
  English  ▼

X  

EV22D14KA Datasheet(PDF) 49 Page - World Produts Inc.

Part # EV22D14KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D14KA Datasheet(HTML) 49 Page - World Produts Inc.

Back Button EV22D14KA Datasheet HTML 45Page - World Produts Inc. EV22D14KA Datasheet HTML 46Page - World Produts Inc. EV22D14KA Datasheet HTML 47Page - World Produts Inc. EV22D14KA Datasheet HTML 48Page - World Produts Inc. EV22D14KA Datasheet HTML 49Page - World Produts Inc. EV22D14KA Datasheet HTML 50Page - World Produts Inc. EV22D14KA Datasheet HTML 51Page - World Produts Inc. EV22D14KA Datasheet HTML 52Page - World Produts Inc. EV22D14KA Datasheet HTML 53Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 47
10mm Taping Specifications
Item
Symbol
Straight Leads
Outward Crimp
Inline Crimp
Inward Crimp
T36, T19
T7, T18
T1U, T1N
T10, T26
T43, T4
T15, T38
T8, T16
T6, T12
Body Diameter
D
12.5 max 12.5 max 12.5 max 12.5 max 12.5 max 12.5 max 12.5 max 12.5 max
Lead Wire Diameter
d
0.8 ± 0.06 0.8 ± 0.06 0.8 ± 0.06 0.8 ± 0.06 0.8 ± 0.06 0.8 ± 0.06 0.8 ± 0.06 0.8 ± 0.06
Pitch of Component
P
25.4 ± 1
25.4 ± 1
25.4 ± 1
25.4 ± 1
25.4 ± 1
25.4 ± 1
25.4 ± 1
25.4 ± 1
Feed Hole Pitch
P0
12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3
Feed Hole Center to
Lead
P1
3.85 ± 0.7
3.85 ± 0.7
3.85 ± 0.7
3.85 ± 0.7
Lead to Lead
Distance (Center to
Center)
F
7.5 ± 0.8 5.0 ± 0.8 7.5 ± 0.8 5.0 ± 0.8
7.5 ± 0.8 5.0 ± 0.8 7.5 ± 0.8 5.0 ± 0.8
Component
Alignment
h
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
Basepaper Tape
Width
W
18 +1/-
0.5
18 +1/-0.5 18 +1/-
0.5
18 +1/-0.5 18 +1/-0.5 18 +1/-0.5 18 +1/-0.5 18 +1/-
0.5
Adhesive Tape Width
W0
10 min
10 min
10 min
10 min
10 min
10 min
10 min
10 min
Hole Position
W1
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
Adhesive Tape
Border
W2
3 max
3 max
3 max
3 max
3 max
3 max
3 max
3 max
Component Height
H1
33 max
33 max 38.5 max 38.5 max 35.5 max 38.5 max 38.5 max 38.5 max
Lead-Wire Protrusion
Lx
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
Feed Hole Diameter
D0
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
Total Tape Thickness
t
»0.7 max »0.7 max »0.7 max »0.7 max »0.7 max »0.7 max »0.7 max »0.7 max
Length of Clipped
Lead
L
11 max
11 max
11 max
11 max
11 max
11 max
11 max
11 max
Component Height
from Seating Plane
A
—
—
19.5 max 19.5 max 19.5 max 19.5 max 19.5 max 19.5 max
Hole Center to
Component Center
P2
6.35 ± 0.7
6.35 ± 0.7
6.35 ± 0.7
6.35 ± 0.7
All dimensions are in Millimeters.
Note: Basepaper Thickness = 0.375mm ± 0.1mm (Ammo Box), 0.53mm ± 0.1mm (Reel)
Adhesive Tape Thickness = 0.16mm ± 0.03mm
Largest voltage which can be taped is 460VAC. For 320VAC and larger, only T15, T43, T38 or T4 is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com