Electronic Components Datasheet Search
  English  ▼

X  

LS6506R Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS6506R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6506R Datasheet(HTML) 3 Page - LSI Computer Systems

  LS6506R Datasheet HTML 1Page - LSI Computer Systems LS6506R Datasheet HTML 2Page - LSI Computer Systems LS6506R Datasheet HTML 3Page - LSI Computer Systems LS6506R Datasheet HTML 4Page - LSI Computer Systems LS6506R Datasheet HTML 5Page - LSI Computer Systems LS6506R Datasheet HTML 6Page - LSI Computer Systems LS6506R Datasheet HTML 7Page - LSI Computer Systems LS6506R Datasheet HTML 8Page - LSI Computer Systems LS6506R Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6506R-042308-3
TABLE 1
Output Operation Time as a Function of Time Out Input Control Voltage
Input Voltage
60Hz Operation
50Hz Operation
Units
VIN = 0
5
6
Minutes
VIN = 0.25VREG
10
12
Minutes
VIN = 0.5VREG
20
24
Minutes
VIN = 0.75VREG
30
36
Minutes
*VIN = VREG
30
36
Seconds
*Walking Test: Ambient light will not prevent motion from turning
the lights on or resetting the time-out counter
.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DIFF. AMP. 2 INPUT (-)
DIFF. AMP. 2 OUTPUT
AC
VDD
DIFF. AMP 1 INPUT (-)
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
TIME-OUT INPUT
LDR INPUT
LED OUTPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1A
DIFF. AMP. 1 OUTPUT
ON/OFF
VSS
MODE INPUT
LR1
LR2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DIFF. AMP. 2 INPUT (-)
DIFF. AMP. 2 OUTPUT
TRIAC OUTPUT
VDD
DIFF. AMP 1 INPUT (-)
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
TIME-OUT INPUT
ON / OFF
LDR INPUT
MODE INPUT
LED OUTPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1B
DIFF. AMP. 1 OUTPUT
AC
N/C
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com