Electronic Components Datasheet Search
  English  ▼

X  

LS6506R Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS6506R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6506R Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button LS6506R Datasheet HTML 2Page - LSI Computer Systems LS6506R Datasheet HTML 3Page - LSI Computer Systems LS6506R Datasheet HTML 4Page - LSI Computer Systems LS6506R Datasheet HTML 5Page - LSI Computer Systems LS6506R Datasheet HTML 6Page - LSI Computer Systems LS6506R Datasheet HTML 7Page - LSI Computer Systems LS6506R Datasheet HTML 8Page - LSI Computer Systems LS6506R Datasheet HTML 9Page - LSI Computer Systems LS6506R Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
R1 = 1.5MΩ
R7 = 390kΩ
R2 = 33kΩ
R8 = 1MΩ
R3 = 1.5MΩ
R9 = 1MΩ
R4 = 33kΩ
R10 = 910kΩ
R5 = 1.5MΩ
R11 = 12kΩ
R6 = 36kΩ
R12 = 12kΩ
R7 = 220kΩ
R13 = 56kΩ, 1/2W
R13 = 120kΩ, 1/2W
All Rs 1/4W, all Cs 10V unless otherwise specified.
* = Component change for 220VAC
C1 = 100µF
C7 = 100pF, 25V
SW1 = SPST Momentary
C2 = 10µF
C8 = 50µF, 25V
SW2 = SPST
C3 = 0.01µF
C9 = 100uF, 25V
SW3 = SPST
C4 = 10µF
D2, D3 = 1N4148
C5 = 0.01µF
LDR = SILONEX NSL-19M51 (Typical)
C6 = 0.1uF
Z1 = 15V, 1/2W, 5%
D1 = DF02 Bridge Rectifier
D1 = DF04 Bridge Rectifier
LR = Two-Coil Latching Relay (Typical):
Schrack RT314F12, Matsushita NAiS DSPIA-L2-DC12V
Panasonic ADJ23012
PIR =
Perkin-Elmer LHi 958 or 878, Nicera RE200B, SDA02-54 (Typical)
NOTES: 1. The C8, D1, Z1, R7 components generate the DC Supply Voltage for the LS6506R.
2. The R2, C2, R3, C3, R4, C4, R5, C5, R6, C6 components and the two on-chip Differential Amplifiers
set a nominal gain of 2,000 with bandpass filtering of 0.5Hz to 10Hz.
3. R5 may be replaced with a potentiometer in order to adjust the Sensitivity.
4. The value of R6 may have to be adjusted if the selected PIR Sensor causes the input static voltage
at Pin 15 to be out of the Input Dynamic Range.
5. LR1 output closes contacts of Relay LR. LR2 output opens contacts of Relay LR.
6. Total Earth Ground current is typically 450uA RMS.
FIGURE 2. Typical Two-Coil Latching Relay Wall Switch Application
6506R-121508-6
*
*
*
AMP 1
OUT
AMP 1
(
-) IN
AMP 2
(
-) IN
AMP 1
(
+) IN
AMP 2
OUT
LR1
TIME OUT
AC
LDR
VDD
V DD
VSS
R7
Z1
R1
C8
C4
R4
C5
R5
1
2
3
6
7
5
8
9
11
12
13
14
15
16
C2
R2
R6
C1
PIR
SENSOR
R8
R10
LDR
R9
R11
LED
R3
C3
LS6506R
C6
+
-
+
-
+
-
+
-
MODE
ON/OFF
LR2
N
10
VDD
P
VSS
LOAD
AC
MAINS
5V
REG.
OUT
4
VSS
R12
LR
LED OUT
D1
Earth Gnd
D2
D3
+
C9
-
SW1
SW3
C7
SW2
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com