Electronic Components Datasheet Search
  English  ▼

X  

LS6506R Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS6506R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6506R Datasheet(HTML) 5 Page - LSI Computer Systems

  LS6506R Datasheet HTML 1Page - LSI Computer Systems LS6506R Datasheet HTML 2Page - LSI Computer Systems LS6506R Datasheet HTML 3Page - LSI Computer Systems LS6506R Datasheet HTML 4Page - LSI Computer Systems LS6506R Datasheet HTML 5Page - LSI Computer Systems LS6506R Datasheet HTML 6Page - LSI Computer Systems LS6506R Datasheet HTML 7Page - LSI Computer Systems LS6506R Datasheet HTML 8Page - LSI Computer Systems LS6506R Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
TRIAC:
Output Drive Current
ITO
-75
-
-
mA
VO = VDD - 3V
3V Triac Gate Drive
Output Timing:
Pulse Width
TPW
20
30
45
us
-
Delay From
TOD
1.00
1.20
1.32
ms
Freq = 60Hz,
Zero-Crossover
and 2.7V P-P AC Input
Delay Difference
TODD
-
-
150
us
-
Between Zero-Crossovers
AC Input Impedance
ZAC
-
2.9
-
MΩ
LS6507R
LED OUTPUT:
Sink Current
ILS
2
-
-
mA
VDD = 15V, VO = 0.5V
Pulse Width
DPW
-
32
-
ms
Minimium Repetition Rate
DPS
-
-
2
sec
6506R-042308-5
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com