Electronic Components Datasheet Search
  English  ▼

X  

LP28300 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28300
Description  2A Synchronous Buck Li-ion Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28300 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP28300 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Datasheet
LP28300
LP28300 – 01 Version
1.1 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 7 of 10
Operation
The LP28300 is a constant current, constant voltage
Li-Ion battery charger controller that uses a current
mode
PWM
step-down
(buck)
switching
architecture. The charge current is set by an external
sense resistor (RSENSE) across the SENSE and BAT
pins. The final battery float voltage is internally set
to 4.2V per cell. For batteries like lithium-ion that
require accurate final float voltage, the internal 2.4V
reference, voltage amplifier and the resistor divider
provide regulation with ±1% accuracy.
Figure 1.Typical Charge Profile
A charge cycle begins when the voltage at the VCC
pin rises above the UVLO level and is 250mV or
more greater than the battery voltage. At the
beginning of the charge cycle, if the battery voltage
is less than the trickle charge threshold, 2.9V for the
4.2 version, the charger goes into trickle charge
mode. The trickle charge current is internally set to
15% of the full-scale current. If the battery voltage
stays low for 30 minutes, the battery is considered
faulty and the charge cycle is terminated. When the
battery voltage exceeds the trickle charge threshold,
the charger goes into the full-scale constant current
charge mode. In constant current mode, the charge
current is set by the external sense resistor RSENSE
and an internal 100mV reference;
When
the
battery
voltage
approaches
the
programmed float voltage, the charge current will
start to decrease. When the current drops to 25%
of the full-scale charge current, an internal
comparator turns off the internal pull-down
N-channel MOSFET at the STAT pin, and connects
a weak current source to ground to indicate a near
end-of-charge condition. A 10kΩ NTC (negative
temperature
coefficient)
thermistor
can
be
connected from the NTC pin to ground for battery
temperature qualification. The charge cycle is
suspended when the temperature is outside of the
0°C to 50°C window.
Shutdown
The LP28300 can be shut down by pulling the
COMP pin to ground which pulls the GATE pin
high turning off the external P-channel MOSFET.
When the COMP pin is released, the internal timer
is reset and a new charge cycle starts. In shutdown,
the output of the CHRG pin is high impedance and
the quiescent current remains at 1.5mA. Removing
the input power supply will put the charger into
sleep mode. If the voltage at the VCC pin drops
below (VBAT + 250mV) or below the UVLO level,
the LP28300 goes into a low current (ICC = 10µA)
sleep mode, reducing the battery drain current.
Automatic Recharge
Once the charge cycle is terminated, the LP28300
continuously monitors the voltage on the BAT pin
using a comparator with a 2ms filter time
(t
RECHARGE). A charge cycle restarts when the battery
voltage falls below 4.05V (which corresponds to
approximately 80% to 90% battery capacity). This
ensures that the battery is kept at or near a fully
charged condition and eliminates the need for
periodic charge cycle initiations. STAT output enters
a strong pull-down state during recharge cycles.
Battery Temperature Detection
A
negative
temperature
coefficient
(NTC)
thermistor located close to the battery pack can be
used to monitor battery temperature and will not
allow charging unless the battery temperature is
within an acceptable range. Connect a 10kΩ
thermistor from the TS pin to ground. If the



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com