Electronic Components Datasheet Search
  English  ▼

X  

LP28300 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP28300
Description  2A Synchronous Buck Li-ion Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28300 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP28300 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary Datasheet
LP28300
LP28300 – 01 Version
1.1 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 9 of 10
choice is the IHLP-2525AH-01from Vishay Dale.
To calculate the inductor ripple current:
where VBAT is the battery voltage, VIN is the input
voltage, L is the inductance and f is the PWM
oscillator frequency(typically 1.5MHz). Maximum
inductor ripple current occurs at maximum VIN and
VBAT = VIN/2.
Peak inductor current will be:
where IBAT is the maximum battery charging
current.
When sizing the inductor make sure that the peak
current will not exceed the saturation current of the
inductors. Also, ∆IL should never exceed 0.4(IBAT)
as this may interfere with proper operation of the
output short-circuit protection comparator. 1.5µH
provides reasonable inductor ripple current in a
typical application. With 1.5µH and2A charge
current:
and
Layout Considerations
Switch rise and fall times are kept under 5ns for
maximum efficiency. To minimize radiation, the SW
pin and input bypass capacitor leads (between VIN
and PGND) should be kept as short as possible. A
ground plane should be used under the switching
circuitry to prevent inter plane coupling. The
exposed pad must be connected to the ground plane
for proper power dissipation. The other paths
contain only DC and/or 1.5MHz tri-wave ripple
current and are less critical. With the exception of
the input and output filter capacitors(which should
be connected to PGND) all other components that
return to ground should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com