Electronic Components Datasheet Search
  English  ▼

X  

LP28300 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28300
Description  2A Synchronous Buck Li-ion Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28300 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28300 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Datasheet
LP28300
LP28300 – 01 Version
1.1 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 5 of 10
Electrical Characteristics (The specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNITS
VIN
Adapter/USB Voltage Range
2.65
5
6
V
ICC
Input Supply Current
Charge Mode (Note 4), RISET = 10k
Standby Mode (Charge Terminated)
300
2000
uA
Shutdown Mode (RISET Not
Connected,
200
500
VCC < VBAT, or VCC < VUV)
25
50
VFLOAT
Regulated Output (Float) Voltage
0°C ≤ TA ≤ 85°C, IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RSNS = 100mΩ, Current Mode
860
1000
1120
mA
RSNS = 68mΩ, Current Mode
1300
1470
1620
Standby Mode, VBAT = 4.2V
Shutdown Mode (RISET Not
Connected) Sleep Mode, VCC = 0V
0
-2.5
±
1
±
1
-6
±
2
±
2
uA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RSNS = 100mΩ(Note
5)
80
100
120
mA
VTRIKL
Trickle Charge Threshold Voltage
RSNS = 100mΩ,VBAT Rising (Note 5)
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis Voltage
RSNS = 100mΩ,(Note 5)
60
80
110
mV
VSNS
SNS Pin Voltage
RISET = 10k, Current Mode
88
100
116
mV
ISTAT
STAT Pin Weak Pull-Down Current
VSTAT = 5V
8
20
35
uA
VSTAT
STAT Pin Output Low Voltage
ISTAT = 5mA
0.35
0.6
V
Δ
VRESTAT
Recharge Battery Threshold Voltage VFLOAT - VRESTAT
100
150
200
mV
TLIM
Junction Temperature in Constant Temperature Mode
120
°
C
TSS
Soft-Start Time
IBAT = 0 to IBAT =850V/RISET
100
uS
ISNS
ISET Pin Pull-Up Current
3
uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com