Electronic Components Datasheet Search
  English  ▼

X  

ZR431 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZR431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZR431 Datasheet HTML 1Page - Diodes Incorporated ZR431 Datasheet HTML 2Page - Diodes Incorporated ZR431 Datasheet HTML 3Page - Diodes Incorporated ZR431 Datasheet HTML 4Page - Diodes Incorporated ZR431 Datasheet HTML 5Page - Diodes Incorporated ZR431 Datasheet HTML 6Page - Diodes Incorporated ZR431 Datasheet HTML 7Page - Diodes Incorporated ZR431 Datasheet HTML 8Page - Diodes Incorporated ZR431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZR431
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431
Document number: DS33255 Rev. 6 - 2
2 of 9
www.diodes.com
October 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VZ
Cathode Voltage
20
V
IZ
Cathode Current
150
mA
TA
Operating Temperature
-40 to +85
°C
TST
Storage Temperature
-55 to +125
°C
PD
Power Dissipation (Notes 3, 4)
SOT23
330
mW
SOT223
2
W
Notes:
2. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. Unless otherwise stated voltages specified are relative to the ANODE pin.
3. TJ, max =150°C.
4. Ratings apply to ambient temperature at 25°C.
Recommended Operating Conditions (TA = 25°C)
Symbol
Parameter
Min
Max
Unit
VZ
Cathode Voltage
VREF
20
V
IZ
Cathode Current
0.05
100
mA
Electrical Characteristics (TA = 25°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VREF
Reference voltage (Note 5)
2%
1 %
0.5%
IL = 10mA (Fig 1), VZ = VREF
2.45
2.475
2.487
2.50
2.50
2.50
2.55
2.525
2.513
V
VDEV
Deviation of reference input voltage
over temperature
IL = 10mA, VZ = VREF
TA = Full range (Fig 1)
8.0
17
mV
ΔVREF
ΔVZ
Ratio of the change in reference
voltage to the change in cathode
voltage
VZ from VREF to 10V
IZ = 10mA (fig 2)
-1.85
-2.7
mV/V
VZ from 10V to 20V
IZ = 10mA (Fig 2)
-1.0
-2.0
IREF
Reference input current
R1 = 10k, R2 = O/C, IL = 10mA (Fig 2)
0.12
1.0
μA
ΔIREF
Deviation of reference input current
over temperature
R1 = 10k, R2 = O/C, IL = 10mA
TA = Full range (Fig 2)
0.04
0.2
μA
IZ(MIN)
Minimum cathode current for
regulation
VZ = VREF (Fig 1)
35
50
µA
IZ(OFF)
Off-state current
VZ = 20V, VREF = 0V (Fig 3)
0.1
μA
RZ
Dynamic output impedance
VZ = VREF (Fig 1), f = 0Hz
0.75
Ω
Note 5:
0.5% and 1% SOT23 only
For definitions of reference voltage temperature coefficient and dynamic output impedance see NOTES following DC TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com