Electronic Components Datasheet Search
  English  ▼

X  

ZR431 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZR431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZR431 Datasheet HTML 1Page - Diodes Incorporated ZR431 Datasheet HTML 2Page - Diodes Incorporated ZR431 Datasheet HTML 3Page - Diodes Incorporated ZR431 Datasheet HTML 4Page - Diodes Incorporated ZR431 Datasheet HTML 5Page - Diodes Incorporated ZR431 Datasheet HTML 6Page - Diodes Incorporated ZR431 Datasheet HTML 7Page - Diodes Incorporated ZR431 Datasheet HTML 8Page - Diodes Incorporated ZR431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZR431
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431
Document number: DS33255 Rev. 6 - 2
4 of 9
www.diodes.com
October 2011
© Diodes Incorporated
Typical Characteristics
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Reference Current vs. Temperature
160
140
140
130
120
110
100
V
= V
I = 10mA
REF
Z
Z
0
CATHODE VOLTAGE (V)
Change in V
vs. Cathode Voltage
REF
510
15
20
-10
-5
-15
-20
-25
I = 10mA
Z
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Cathode Current vs. Temperature
24
26
28
30
32
34
36
38
V
= V
REF
Z
100
FREQUENCY (Hz)
Dynamic Impedance vs. Frequency
1k
10k
100k
1M
0.1
1.0
10
100
2.506
2.504
2.502
2.500
2.498
2.496
2.494
2.492
2.490
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Reference Voltage vs. Temperature
I = 10mA
Z
25
50
75 85
100
AMBIENT TEMPERATURE ( C)
Power Dissipation Derating
°
2.0
0
1.0
SOT223
SOT23



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com