Electronic Components Datasheet Search
  English  ▼

X  

TLC339IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC339IPW
Description  LinCOMS MICROPOWER QUAD COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC339IPW Datasheet(HTML) 5 Page - Texas Instruments

  TLC339IPW Datasheet HTML 1Page - Texas Instruments TLC339IPW Datasheet HTML 2Page - Texas Instruments TLC339IPW Datasheet HTML 3Page - Texas Instruments TLC339IPW Datasheet HTML 4Page - Texas Instruments TLC339IPW Datasheet HTML 5Page - Texas Instruments TLC339IPW Datasheet HTML 6Page - Texas Instruments TLC339IPW Datasheet HTML 7Page - Texas Instruments TLC339IPW Datasheet HTML 8Page - Texas Instruments TLC339IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
5
WWW.TI.COM
recommended operating conditions
TLC339I
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
16
V
Common-mode input voltage, VIC
− 0.2
VDD −1.5
V
Low-level output current, IOL
8
20
mA
Operating free-air temperature,TA
0
70
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TA
TLC339I
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VICRmin,
VDD = 5 V to 10 V,
25
°C
1.4
5
mV
VIO
Input offset voltage
VIC = VICRmin,
See Note 3
VDD = 5 V to 10 V,
−40
°C to 85°C
7
mV
IIO
Input offset current
VIC = 2.5 V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
85
°C
1
nA
IIB
Input bias current
VIC = 2.5 V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
85
°C
2
nA
VICR
Common-mode input
25
°C
0 to
VDD −1
V
VICR
Common-mode input
voltage range
−40
°C to 85°C
0 to
VDD −1.5
V
Common-mode rejection
25
°C
84
CMRR
Common-mode rejection
ratio
VIC = VICRmin
85
°C
84
dB
CMRR
ratio
VIC = VICRmin
−40
°C
84
dB
Supply-voltage rejection
25
°C
85
kSVR
Supply-voltage rejection
ratio
VDD = 5 V to 10 V
85
°C
85
dB
kSVR
ratio
VDD = 5 V to 10 V
−40
°C
84
dB
VOL
Low-level output voltage
VID = − 1 V,
IOL = 6 mA
25
°C
300
400
mV
VOL
Low-level output voltage
VID = − 1 V,
IOL = 6 mA
85
°C
700
mV
IOH
High-level output current
VID = − 1 V,
VO = 5 V
25
°C
0.8
40
nA
IOH
High-level output current
VID = − 1 V,
VO = 5 V
85
°C
1
µA
IDD
Supply current (four
Outputs low,
No load
25
°C
44
80
µA
IDD
Supply current (four
comparators)
Outputs low,
No load
−40
°C to 85°C
125
µA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V with a 2.5-k
Ω load to
VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com