Electronic Components Datasheet Search
  English  ▼

X  

TLC339IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC339IPW
Description  LinCOMS MICROPOWER QUAD COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC339IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC339IPW Datasheet HTML 3Page - Texas Instruments TLC339IPW Datasheet HTML 4Page - Texas Instruments TLC339IPW Datasheet HTML 5Page - Texas Instruments TLC339IPW Datasheet HTML 6Page - Texas Instruments TLC339IPW Datasheet HTML 7Page - Texas Instruments TLC339IPW Datasheet HTML 8Page - Texas Instruments TLC339IPW Datasheet HTML 9Page - Texas Instruments TLC339IPW Datasheet HTML 10Page - Texas Instruments TLC339IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
7
WWW.TI.COM
switching characteristics, VDD = 5 V, TA = 25°C (see Figure 3)
PARAMETER
TEST CONDITIONS
TLC139M, TLC339C
TLC339I, TLC339M
TLC339Q
UNIT
MIN
TYP
MAX
Overdrive = 2 mV
4.5
f = 10 kHz,
Overdrive = 5 mV
2.5
tPLH
Propagation delay time, low-to-high output
f = 10 kHz,
CL = 15 pF
Overdrive = 10 mV
1.7
s
tPLH
Propagation delay time, low-to-high output
CL = 15 pF
Overdrive = 20 mV
1.2
µs
Overdrive = 40 mV
1.0
VI = 1.4 V step at IN+
1.1
Overdrive = 2 mV
3.6
f = 10 kHz,
Overdrive = 5 mV
2.1
tPHL
Propagation delay time, high-to-low level output
f = 10 kHz,
CL = 15 pF
Overdrive = 10 mV
1.3
s
tPHL
Propagation delay time, high-to-low level output
CL = 15 pF
Overdrive = 20 mV
0.85
µs
Overdrive = 40 mV
0.55
VI = 1.4 V step at IN+
0.10
tTHL
Transition time, high-to-low level output
f = 10 kHz,
Overdrive = 50 mV
20
ns
tTHL
Transition time, high-to-low level output
f = 10 kHz,
CL = 15pF
Overdrive = 50 mV
20
ns
PARAMETER MEASUREMENT INFORMATION
The TLC139 and TLC339 contain a digital output stage that, if held in the linear region of the transfer curve, can cause
damage to the device. Conventional operational amplifier/comparator testing incorporates the use of a servo-loop
that is designed to force the device output to a level within this linear region. Since the servo-loop method of testing
cannot be used, the following alternatives for testing parameters such as input offset voltage, common-mode
rejection, etc., are suggested.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 1(a). With the noninverting input positive with respect to the inverting input, the output should be high. With
the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages can
be slewed as shown in Figure 1(b) for the VICR test, rather than changing the input voltages, to provide greater
accuracy.
(a) VIO WITH VIC = 0 V
(b) VIO WITH VIC = 4 V
5 V
1 V
5.1 k
Ω
5.1 k
Ω
Applied VIO
Limit
Applied VIO
Limit
VO
VO
−4 V
Figure 1. Method for Verifying That Input Offset Voltage Is Within Specified Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com