Electronic Components Datasheet Search
  English  ▼

X  

TLC339IPW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC339IPW
Description  LinCOMS MICROPOWER QUAD COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC339IPW Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC339IPW Datasheet HTML 8Page - Texas Instruments TLC339IPW Datasheet HTML 9Page - Texas Instruments TLC339IPW Datasheet HTML 10Page - Texas Instruments TLC339IPW Datasheet HTML 11Page - Texas Instruments TLC339IPW Datasheet HTML 12Page - Texas Instruments TLC339IPW Datasheet HTML 13Page - Texas Instruments TLC339IPW Datasheet HTML 14Page - Texas Instruments TLC339IPW Datasheet HTML 15Page - Texas Instruments TLC339IPW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
12
WWW.TI.COM
TYPICAL CHARACTERISTICS†
Figure 8
10
0.1
1000
0
2
468
1
100
VOH − High-Level Output Voltage − V
HIGH-LEVEL OUTPUT CURRENT
vs
HIGH-LEVEL OUTPUT VOLTAGE
10
12
14
16
TA = 125°C
TA = 85°C
TA = 70°C
TA = 25°C
VOH = VDD
Figure 9
TA − Free-Air Temperature − °C
10
0.1
1000
25
50
75
100
125
1
100
HIGH-LEVEL OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
VDD = VOH = 5 V
Figure 10
0.75
0.5
0.25
0
0
2
4
6
8
10
12
1
1.25
1.5
14
16
18
20
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
16 V
VDD = 3 V
4 V
5 V
10 V
TA = 25°C
Figure 11
300
200
100
0
025
50
400
500
600
75
100
125
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 5 V
IOL = 6 mA
−75
− 50
−25
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com