Electronic Components Datasheet Search
  English  ▼

X  

TLC1078IP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1078IP
Description  LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1078IP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC1078IP Datasheet HTML 5Page - Texas Instruments TLC1078IP Datasheet HTML 6Page - Texas Instruments TLC1078IP Datasheet HTML 7Page - Texas Instruments TLC1078IP Datasheet HTML 8Page - Texas Instruments TLC1078IP Datasheet HTML 9Page - Texas Instruments TLC1078IP Datasheet HTML 10Page - Texas Instruments TLC1078IP Datasheet HTML 11Page - Texas Instruments TLC1078IP Datasheet HTML 12Page - Texas Instruments TLC1078IP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature
TLC1078C
PARAMETER
TEST CONDITIONS
TA
VDD = 5 V
VDD = 10 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
R1 M
Ω
C20 F
25
°C
32
47
SR
Slew rate at unity gain
RL = 1 MΩ,
VI(PP) =1V
CL = 20 pF,
See Figure 1
0
°C
35
51
V/ms
VI(PP) = 1 V, See Figure 1
70
°C
27
38
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
25
°C
68
68
nV/
√Hz
25
°C
85
110
B1
Unity-gain bandwidth
CL = 20 pF,
See Figure 2
0
°C
100
125
kHz
70
°C
65
90
25
°C
34
°
38
°
φm
Phase margin at unity gain
CL = 20 pF,
See Figure 2
0
°C
36
°
40
°
70
°C
30
°
34
°
operating characteristics at specified free-air temperature
TLC1079C
PARAMETER
TEST CONDITIONS
TA
VDD = 5 V
VDD = 10 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
R1 M
Ω
C20 F
25
°C
32
47
SR
Slew rate at unity gain
RL = 1 MΩ,
VI(PP) =1V
CL = 20 pF,
See Figure 1
0
°C
35
51
V/ms
VI(PP) = 1 V, See Figure 1
70
°C
27
38
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
25
°C
68
68
nV/
√Hz
25
°C
85
110
B1
Unity-gain bandwidth
CL = 20 pF,
See Figure 2
0
°C
100
125
kHz
70
°C
65
90
25
°C
34
°
38
°
φm
Phase margin at unity gain
CL = 20 pF,
See Figure 2
0
°C
36
°
40
°
70
°C
30
°
34
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com