Electronic Components Datasheet Search
  English  ▼

X  

TLC1078IP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1078IP
Description  LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1078IP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC1078IP Datasheet HTML 19Page - Texas Instruments TLC1078IP Datasheet HTML 20Page - Texas Instruments TLC1078IP Datasheet HTML 21Page - Texas Instruments TLC1078IP Datasheet HTML 22Page - Texas Instruments TLC1078IP Datasheet HTML 23Page - Texas Instruments TLC1078IP Datasheet HTML 24Page - Texas Instruments TLC1078IP Datasheet HTML 25Page - Texas Instruments TLC1078IP Datasheet HTML 26Page - Texas Instruments TLC1078IP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
50
40
30
20
10
100
75
50
25
0
– 25
– 50
0
125
60
TA – Free-Air Temperature – °C
– 75
VDD = 5 V
VDD = 10 V
No Load
VO = VDD/2
SUPPLY CURRENT †
vs
FREE-AIR TEMPERATURE
Figure 26
60
50
40
30
20
10
14
12
10
8
6
4
2
0
16
70
VDD – Supply Voltage – V
0
TA = 25°C
See Figure 1
VIPP = 1 V
RL = 1 MΩ
CL = 20 pF
AV = 1
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 27
See Figure 1
AV = 1
RL = 1 MΩ
CL = 20 pF
60
50
40
30
20
10
100
75
50
25
0
– 25
– 50
0
125
70
TA – Free-Air Temperature – °C
– 75
VIPP = 1 V
VDD = 10 V
VIPP = 2.5 V
VDD = 5 V
VIPP = 1 V
VDD = 5 V
VDD = 10 V
VIPP = 5.5 V
SLEW RATE†
vs
FREE-AIR TEMPERATURE
Figure 28
125
100
75
50
25
0
– 25
– 50
– 75
AV = 1
CL = 20 pF
RL = 1 MΩ
VI(PP) = 1 V
VDD = 5 V
VDD = 10 V
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
0.5
TA – Free-Air Temperature – °C
NORMALIZED SLEW RATE†
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com