Electronic Components Datasheet Search
  English  ▼

X  

TLC1078IP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1078IP
Description  LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1078IP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC1078IP Datasheet HTML 18Page - Texas Instruments TLC1078IP Datasheet HTML 19Page - Texas Instruments TLC1078IP Datasheet HTML 20Page - Texas Instruments TLC1078IP Datasheet HTML 21Page - Texas Instruments TLC1078IP Datasheet HTML 22Page - Texas Instruments TLC1078IP Datasheet HTML 23Page - Texas Instruments TLC1078IP Datasheet HTML 24Page - Texas Instruments TLC1078IP Datasheet HTML 25Page - Texas Instruments TLC1078IP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1
f – Frequency – Hz
1 M
0.1
10
100
1 k
10 k
100 k
150
°
120
°
90
°
60
°
30
°
0
°
180
°
TA = 25°C
RL = 1 MΩ
VDD = 10 V
Phase Shift
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
10 6
10 5
10 4
10 3
10 2
101
1
AVD
Figure 22
Figure 23
TA = – 55°C
TA = 25°C
TA = 125°C
RL = 1 MΩ
VDD = 5 V
VDD = 10 V
10
1
9
8
7
6
5
4
3
2
1
0
100
10
f – Frequency – kHz
0.1
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
Figure 24
No Load
VO = VDD/2
80
70
60
50
40
30
20
10
14
12
10
8
6
4
2
0
16
90
VDD – Supply Voltage – V
0
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
TA = – 55°C
TA = – 40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 125°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com