Electronic Components Datasheet Search
  English  ▼

X  

608ASA Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 608ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

608ASA Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 608ASA Datasheet HTML 9Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 10Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 11Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 12Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 13Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 14Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 15Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 16Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
120 mm
17 g
940AS
Stainless steel, anti-glare finish
Gripping tweezers with locking clip.
For various applications. Resists a tensile force of ~ 5 kg.
115 mm
115 mm
115 mm
115 mm
17 g
17 g
17 g
13 g
32BSA
32BSA20
32BSA25
150SAMB
45°, Ø 5 mm, special stainless steel, anti-glare finish,
non-magnetic
SMD tweezers bent. For small cylindrical components or insulated
fibres.
45°, Ø 2 mm, special stainless steel, anti-glare finish,
non-magnetic
Same as 32BSA but Ø 2 mm.
45°, Ø 2,5 mm, special stainless steel, anti-glare finish,
non-magnetic
Same as 32BSA but Ø 2,5 mm.
40°, Ø 1,2 - 2,5 mm, special stainless steel, anti-glare
finish, non-magnetic
SMD tweezers bent, serrated grips. For gripping small cylindrical
parts.
13 g
Ø
3 – 6 mm, special stainless steel, anti-glare finish,
non-magnetic
SMD tweezers straight, serrated grips.
For gripping small cylindrical parts.
120 mm
13 g
150SA
Ø
1,5 – 3 mm, special stainless steel, anti-glare finish,
non-magnetic
SMD tweezers straight, serrated grips.
For gripping small cylindrical parts.
151SA
120 mm
13
Rounded Head
SMD TWEEZERS
Model
Length
Weight
Description
Model
Length
Weight
Description
Model
Length
Weight
Description
Rounded Head Bent
Special Gripping Tweezers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com