Electronic Components Datasheet Search
  English  ▼

X  

608ASA Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 608ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

608ASA Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 608ASA Datasheet HTML 23Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 24Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 25Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 26Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 27Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 28Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 29Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 30Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
140 mm
10 mm
10 mm
ø
1,25 mm
70 g
Semi flush cut, high grade tool steel, anti-glare finish,
ESD safe, resharpenable, Ergonomic
Ergonomic side cutter for universal use.
2212E
5,8 mm
140 mm
10 mm
10 mm
ø
1,25 mm
70 g
Flush cut, high grade tool steel, anti-glare finish,
ESD safe, resharpenable, Ergonomic
Ergonomic side cutter for universal use.
2222E
5,8 mm
140 mm
10 mm
10 mm
ø
1,25 mm
70 g
2232E
5,8 mm
Super full flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable, Ergonomic
Ergonomic side cutter for fine and soft wires.
115 mm
max.D 0,8 mm max.B 2,0 mm
79 g
884EPCM
120 mm
12 mm
10,5 mm
ø
2,0 mm
-
100 g
Semi flush cut, high grade tool steel, anti-glare finish,
ESD safe, compound action
Compound action side cutter. Easy cutting for hard wires. 3,5
times less force needed than with conventional cutters. High cut-
ting capacity: hard wires up to 0,5 mm, soft wires up to 2,0 mm.
Flush cut on request.
147A
7,5 mm
Flush cut, high grade tool steel, anti-glare finish,
ESD safe, PCB separation
Side cutter for PCB separation only. New improved design for
higher blade resistance. No breakage guarantee.
27
Specials
SIDE CUTTERS
Side Cutters with Ergonomic Handles*
*Ergonomic features see page 18
Oval Head
Main applications:
Constant production cutting
applications.
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description
Specials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com