Electronic Components Datasheet Search
  English  ▼

X  

608ASA Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # 608ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

608ASA Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button 608ASA Datasheet HTML 49Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 50Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 51Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 52Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 53Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 54Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 55Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 56Page - List of Unclassifed Manufacturers 608ASA Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Model
0,15 mm
Suction tip straight,
PTFE, tip
For use with rotating head 3200 or fix adapter 3232.
0,70 mm
2040Z
0,90 mm
Suction tip straight, Polyethylene tip
For use with rotating head 3200 or fix adapter 3232.
1,30 mm
2044Z
1,40 mm
2,0 mm
2041Z
Suction tip straight, Polyethylene tip
For use with rotating head 3200 or fix adapter 3232.
0,16 mm
0,30 mm
3303
3305Z
3310Z
3315
3330
0,25 mm
0,50 mm
0,65 mm
1,0 mm
1,0 mm
1,5 mm
2,5 mm
Suction needle bent 45°, stainless steel
For use with fix adapter 3231.
3,0 mm
Suction needle bent 45°, stainless steel
For use with fix adapter 3231.
Suction needle bent 45°, stainless steel
For use with fix adapter 3231.
Suction needle bent 45°, stainless steel
For use with fix adapter 3231.
Suction needle bent 45°, stainless steel
For use with fix adapter 3231.
53
Vacuum Manipulator
VACUUM MANIPULATOR
Suction Tips Straight
Inside ø
Description
Model
Outside ø
Inside ø
Description
Model
Outside ø
Suction Needles
Suction Cups
4,5 mm
Suction cup, Silicone rubber
For use with rotating head 3200 or fix adapter 3232.
2052E
Model
Diameter ø
Description
2044Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com