Electronic Components Datasheet Search
  English  ▼

X  

141SAP Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 141SAP
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

141SAP Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 141SAP Datasheet HTML 16Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 17Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 18Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 19Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 20Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 21Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 22Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 23Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
503E
x
504AE
x
555E
x
570E
x
572E
x
573E
x
575E
x
582E
x
582EW
x
670E
x
1503N
x
2282E
x
20
CUTTING CAPABILITIES
Cutting Capabilities
147A
x
511E
x
512E
x
512N
x
521E
x
522E
x
522N
x
532N
x
576EZ
x
577E
x
592E
x
595E
x
597E
x
599E
x
611E
x
612E
x
612N
x
622N
x
622NA
x
622NB
x
632N
x
676E
x
677E
x
710E
x
776E
x
792E
x
812N
x
822N
x
884E
x
886E
x
896E
x
1512N
x
1522N
x
1522NA
x
1522NB
x
2212E
x
2222E
x
2222EA
x
2222EB
x
2232E
x
ø 0,1-0,6
ø 0,6-1,2
ø >1,2
SF
F
FF
max. Cu (Copper)
mm
Cut*
Side Cutters*
Model
ø 0,1-0,6
ø 0,6-1,2
ø >1,2
SF
F
max. Cu (Copper)
mm
Cut*
Tip
Cutters*
Model
= Semi Flush
= Flush
= Erem Super Full Flush
Description see page 21
*Note:
There is no max. Cu indication for Tungsten Carbide cutters. Please ask for the
according cutting capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com